Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL353HT Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # SL353HT
Description  Micropower Omnipolar Digital Hall-Effect Sensor ICs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SL353HT Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  SL353HT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SL353HT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SL353HT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SL353HT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SL353HT Datasheet HTML 5Page - Honeywell Solid State Electronics Center SL353HT Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.honeywell.com/sensing
NOTICE
Absolute maximum ratings are the extreme limits that the device will withstand without
damage to the device. However, the electrical and mechanical characteristics are not
guaranteed as the maximum limits (above recommended operating conditions) are
approached, nor will the device necessarily operate at absolute maximum ratings.
Figure 1. SL353 Series Block/Electrical Diagram
Figure 2. SL353HT and SL353LT Typical Magnetic
Performance vs Temp.
Release Point (Neg.)
-40
-20
0
20
40
60
80
-100
-80
-60
-40
-20
0
20
40
60
80
100
Operate Point (Neg.)
Operate Point (Pos.)
Release Point (Pos.)
Temperature (°C)
Figure 3. SL353HT and SL353LT Typical Period vs Temp.
Figure 4. SL353HT and SL353LT Typical Active Mode Time
vs Temp.
Vs = 5.5 V
Vs = 2.2 V
-40
-20
0
20
40
60
80
0
20
40
60
80
100
Temperature (°C)
120
Vs = 2.8 V
-40
-20
0
20
40
60
80
Temperature (°C)
0
2
4
6
8
10
12
14
16
18
20
Vs = 5.5 V
Vs = 2.2 V
Vs = 2.8 V
Figure 5. SL353HT Typical Average Current vs Temp.
Figure 6. SL353LT Typical Average Current vs Temp.
-40
-20
0
20
40
60
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Vs = 5.5 V
Vs = 2.2 V
Vs = 2.8 V
Temperature (°C)
80
Vs = 2.2 V
-40
-20
0
20
40
60
80
0
1
2
3
4
5
6
7
8
Vs = 5.5 V
Vs = 2.8 V
Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com