Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903WST Datasheet(PDF) 1 Page - Rohm

Part # LM2903WST
Description  SIGNATURE SERIES Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM2903WST Datasheet(HTML) 1 Page - Rohm

  LM2903WST Datasheet HTML 1Page - Rohm LM2903WST Datasheet HTML 2Page - Rohm LM2903WST Datasheet HTML 3Page - Rohm LM2903WST Datasheet HTML 4Page - Rohm LM2903WST Datasheet HTML 5Page - Rohm LM2903WST Datasheet HTML 6Page - Rohm LM2903WST Datasheet HTML 7Page - Rohm LM2903WST Datasheet HTML 8Page - Rohm LM2903WST Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
General-purpose Operational Amplifiers / Comparators
SIGNATURE SERIES
Comparators
LM393DT,LM393PT,LM393ST,LM393WDT,LM393WPT,
LM2903DT,LM2903PT,LM339DT,LM339PT,LM2901DT,LM2901PT
●
Description
The Universal Standard LM393 / LM339 / LM2903 /
LM2901 family monolithic ICs integrate two / four
independent comparator circuits on a single chip and
feature high gain, low power consumption, and an
operating voltage range between 2[V] and 36[V]
(single power supply).
●
Features
1) Operating temperature range
Commercial Grade
LM339/393 family
:
0[℃] to + 70[℃]
Extended Industrial Grade
LM2903/2901 family : -40[℃] to +125[℃]
2) Open collector output stage
3) Single / dual power supply compatible
4) Low supply current
0.4[mA] typ.(LM2903/393 family)
1.1[mA] typ.(LM2901/339 family)
5) Low input-bias current: 25[nA] typ.
6) Low input offset current: 5[nA] typ.
7) Common-mode input voltage range includes ground
8) Differential input voltage is possible to apply the absolute maximum ratings±36[V].
9) Low output saturation voltage
10) TTL, MOS, CMOS compatible output
●
Pin Assignment
No.11094ECT04
SIGNATURE
SERIES
LM393 family
LM339 family
Quad
LM2903 family
LM2901 family
LM393DT
LM393PT
LM393ST
LM393WDT
LM393WPT
LM339DT
LM339PT
LM2903DT
LM2903PT
Dual
LM2901DT
LM2901PT
TSSOP8
TSSOP14
LM393DT
LM339DT
LM339PT
LM393PT
LM393WPT
LM2901DT
LM2901PT
LM393ST
LM393WDT
LM2903DT
LM2903PT
SO package14
SO package8
Mini SO8
OUTPUT 1
4
+
-
INVERTING
INPUT 1
Vcc―
OUTPUT 2
Vcc―
-
+
NON-INVERTING
INPUT 1
NON-INVERTING
INPUT 2
INVERTING
INPUT 2
3
2
1
5
6
7
8
-
+
-
+
-
+
-
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTPUT 2
OUTPUT 1
Vcc-
INVERTING
INPUT 1
OUTPUT 3
OUTPUT 4
Vcc-
NON-INVERTING
INPUT 1
INVERTING
INPUT 2
NON-INVERTING
INPUT 2
NON-INVERTING
INPUT 4
INVERTING
INPUT 4
NON-INVERTING
INPUT 3
INVERTING
INPUT 3


Similar Part No. - LM2903WST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
Low-power dual voltage comparator
18-Jan-2012
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
Low-power, dual-voltage comparator
07-Oct-2015
LM2903WHYST STMICROELECTRONICS-LM2903WHYST Datasheet
599Kb / 14P
Low-power, dual-voltage comparator
07-Oct-2015
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
Low-power, dual-voltage comparator
05-Nov-2012
More results

Similar Description - LM2903WST

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
Dual Comparators
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
Secure Signature Generation Chip
logo
Rohm
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
TROPHY SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
NOW SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
SIGNATURE SERIES Comparators
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
Comparators
5/16-Rev. A to Rev. B
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
Comparators
March, 2018 ??Rev. 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com