Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS486 Datasheet(PDF) 1 Page - Sharp Corporation

Part # IS486
Description  Bulit-in Amp. Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS486 Datasheet(HTML) 1 Page - Sharp Corporation

  IS486 Datasheet HTML 1Page - Sharp Corporation IS486 Datasheet HTML 2Page - Sharp Corporation IS486 Datasheet HTML 3Page - Sharp Corporation IS486 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IS485/IS486
IS485/IS486
OPIC Light Detector
Bulit-in Amp. Type
*1 For 5 seconds at the position of 1.4mm from the bottom face of package.
s Features
s Applications
2. Copiers, printers, facsimiles
3. VCRs, cassette decks
4. Automatic vending machines
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
Voltage regulator
Amp.
15k
Ω
IS485
IS486
15k
Ω
Amp.
Voltage regulator
Internal connection diagram
3.0
2.8
1.6
0.75
1.15
0.15
R0.5
2-C0.5
4˚
4˚
4˚
4˚
60
˚
6˚
6˚
6˚
6˚
6˚
6˚
s Outline Dimensions
(Unit : mm)
s Absolute Maximum Ratings
( Ta= 25˚C)
Parameter
Symbol
Rating
Unit
V CC
- 0.5 to + 17
V
Io
50
mA
P
175
mW
T opr
- 25 to + 85
˚C
Tstg
- 40 to + 100
˚C
Tsol
260
˚C
Supply voltage
Output current
Power dissipation
Operating temperature
Storage temperature
*1
3
2
1
3
2
1
13
2
1 GND
1. Built-in schmidt trigger circuit
2. High sensitivity(E V : MAX. 35
rx at Ta=
25˚C )
3. A wide range of operating supply voltage
( VCC: 4.5 to 17V)
4. LSTTL and TTL compatible output
5. Low level output under incident light
(IS485 )
High level output under incident light
( IS486 )
6. Compact package
1.27
1.27
1.27
* “ OPIC ” (Optical IC ) is a trademark of the SHARP Corporation.
* Unspecified tolerance shall be ± 0.2mm.
1. Floppy disk drive units
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
Soldering temperature
3 -0.45
+ 0.3
- 0.1
3-0.4
+ 0.3
- 0.1
2 - 0.8
2 V O
3 VCC


Similar Part No. - IS486

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS480-24 PAIRUI-IS480-24 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
IS480-48 PAIRUI-IS480-48 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
logo
ISOCOM COMPONENTS
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
Isolated IGBT/MOSFET Gate Drive
logo
Sharp Corporation
IS481 SHARP-IS481 Datasheet
56Kb / 4P
Low Voltage Operating and High Sensitivity Type OPIC Light Detectors
IS481 SHARP-IS481 Datasheet
49Kb / 4P
Low Voltage Operating and High Sensitivity Type OPIC Light Detectors
More results

Similar Description - IS486

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
56Kb / 4P
Linear Output Type OPIC Light Detector
IS456 SHARP-IS456 Datasheet
65Kb / 5P
High Speed Response Type OPIC Light Detector
IS457 SHARP-IS457 Datasheet
47Kb / 4P
High Speed Response Type OPIC Light Detector
IS474 SHARP-IS474 Datasheet
66Kb / 5P
Linear Output Type OPIC Light Detector
IS487 SHARP-IS487 Datasheet
54Kb / 4P
Built-in Amp.Type OPIC Light Detector
IS435 SHARP-IS435 Datasheet
135Kb / 4P
BUILT IN AMP TYPE LIGHT DETECTOR
IS437 SHARP-IS437 Datasheet
139Kb / 4P
BUILT - IN AMP. TYPE OPIC LIGHT DETECTOR
IS445 SHARP-IS445 Datasheet
66Kb / 2P
LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
IS431 SHARP-IS431 Datasheet
136Kb / 4P
TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
GA1A1S204WP SHARP-GA1A1S204WP Datasheet
573Kb / 18P
GA1A1S204WP OPIC Light Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com