Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS486 Datasheet(PDF) 3 Page - Sharp Corporation

Part # IS486
Description  Bulit-in Amp. Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS486 Datasheet(HTML) 3 Page - Sharp Corporation

  IS486 Datasheet HTML 1Page - Sharp Corporation IS486 Datasheet HTML 2Page - Sharp Corporation IS486 Datasheet HTML 3Page - Sharp Corporation IS486 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.5
0
10
20
30
40
0
25
100
50
75 85
50
100
0.01
0
255075
100
50
60
85
75
50
100
25
0
100
50
0
150
200
300
250
175
0.6
0.7
0.9
0.8
1.0
1.1
0.02
0.05
0.1
0.2
0.5
20
10
5
75
50
100
25
0
0
0.6
0.4
0.5
0.3
0.2
0.1
16mA
5mA
5V
10V
0.5
1.0
1.5
2.5
2.0
3.0
0
10V
5V
12
Supply voltage V cc ( V )
1
2
at Vcc=5V
510
20
15
1
Low level output current I OL ( mA )
5V
Supply Voltage
Fig. 3 Relative Threshold Illuminance vs.
Fig. 1 Low Level Output Current vs.
Ambient Temperature
Fig. 2 Power Dissipation vs.
Ambient Temperature
Low Level Output Current
Fig. 4 Low Level Output Voltage vs.
Fig. 5 Low Level Output Voltage vs.
Fig. 6 Supply Current vs.
Ambient Temperature
IS485/IS486
Ambient Temperature
-25
-25
-25
-25
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Ambiment temperature Ta (˚C)
Ambient temperature T a (˚C)
VCC = 17V
VCC = 17V
IOL = 30mA
VCC =
I CCL
I CCH
V CC = 5V Ta = 25˚C
E v= 0
(IS486 )
T a = 25˚C 1 E VHL ( IS485 )
E VLH ( IS485 )
2
E VLH( IS486 )
E VHL( IS486 )
E VHL(IS485 ), EVLH( IS486 ) =1
E v= 50 lx (IS485 )
Ev = 0
( IS485 )
Ev = 50 lx ( IS485 )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com