Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS488 Datasheet(PDF) 1 Page - Sharp Corporation

Part # IS488
Description  Built-in Amp.Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS488 Datasheet(HTML) 1 Page - Sharp Corporation

  IS488 Datasheet HTML 1Page - Sharp Corporation IS488 Datasheet HTML 2Page - Sharp Corporation IS488 Datasheet HTML 3Page - Sharp Corporation IS488 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IS487/IS488
IS487/IS488
Built-in Amp.Type
OPIC Light Detector
s Features
s Applications
1. Compact type
2. Built-in schmidt trigger circuit
3. LSTTL and TTL compatible output
4. Open collector output
5. Low level output under incident light
High level output under incident light
6. A wide range of operating supply voltage
4. Automatic vending machines
*1 For 5 seconds at the position of 1.4mm from the bottom face of resin package
( VCC : 4.5 to 17v )
3. VCRs
IS488
Amp.
Voltage regulator
1.15
2.95
0.75
0.15
R0.5
2.8
1.6
2- C0.5
2 - 0.8
4˚
4˚
60
˚
4˚
4˚
6˚
6˚
6˚
6˚
6˚
6˚
s Outline Dimensions
(Unit : mm )
(IS487 )
(IS488 )
s Absolute Maximum Ratings
3
2
1
3
2
1
1
3
2
1 GND
2. Copiers, printers, facsimiles
Amp.
Internal connection diagram
Voltage regulator
IS487
1.27
1.27
(1.27)
3- 0.4
1. Floppy disk drive Units
(Ta= 25˚C )
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
*“ OPIC ” (Optical IC ) is a trademark of the SHARP Corporation.
Parameter
Symbol
Rating
Unit
Supply voltage
V CC
- 0.5 to + 35
V
Output voltage
V O
- 0.5 to + 40
V
Output current
IO
50
mA
Power dissipation
P
175
mW
Operating temperature
Topr
- 25 to +85
˚C
Storage temperature
Tstg
- 40 to +100
˚C
*1 Soldering temperature
Tsol
260
˚C
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
3.0
3- 0.45
+ 0.3
- 0.1
+ 0.3
- 0.1
2 V O
3 VCC


Similar Part No. - IS488

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS480-24 PAIRUI-IS480-24 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
IS480-48 PAIRUI-IS480-48 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
logo
ISOCOM COMPONENTS
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
Isolated IGBT/MOSFET Gate Drive
logo
Sharp Corporation
IS481 SHARP-IS481 Datasheet
56Kb / 4P
Low Voltage Operating and High Sensitivity Type OPIC Light Detectors
IS481 SHARP-IS481 Datasheet
49Kb / 4P
Low Voltage Operating and High Sensitivity Type OPIC Light Detectors
More results

Similar Description - IS488

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
56Kb / 4P
Linear Output Type OPIC Light Detector
IS471F SHARP-IS471F Datasheet
56Kb / 4P
OPIC Light Detector with Built-in Signal Processing Circuit for Light Modulation System
IS474 SHARP-IS474 Datasheet
66Kb / 5P
Linear Output Type OPIC Light Detector
IS485 SHARP-IS485 Datasheet
58Kb / 4P
Bulit-in Amp. Type OPIC Light Detector
IS435 SHARP-IS435 Datasheet
135Kb / 4P
BUILT IN AMP TYPE LIGHT DETECTOR
IS437 SHARP-IS437 Datasheet
139Kb / 4P
BUILT - IN AMP. TYPE OPIC LIGHT DETECTOR
IS440 SHARP-IS440 Datasheet
135Kb / 4P
OPIC LIGHT DETECTOR WITH BUILT IN SIGNAL PROCESS-ING CURCUIT FOR LIGHT MODULATION SYSTEM
IS445 SHARP-IS445 Datasheet
66Kb / 2P
LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
IS471FE SHARP-IS471FE Datasheet
77Kb / 5P
OPIC Light Detector with Built-in Signal Processing Circuit for Light Modulation System
GA1A1S204WP SHARP-GA1A1S204WP Datasheet
573Kb / 18P
GA1A1S204WP OPIC Light Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com