Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS488 Datasheet(PDF) 4 Page - Sharp Corporation

Part # IS488
Description  Built-in Amp.Type OPIC Light Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS488 Datasheet(HTML) 4 Page - Sharp Corporation

  IS488 Datasheet HTML 1Page - Sharp Corporation IS488 Datasheet HTML 2Page - Sharp Corporation IS488 Datasheet HTML 3Page - Sharp Corporation IS488 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IS487/IS488
0
600
0
0.1
0
0.1
100
500
300
400
200
1
2
3
5
4
6
7
8
0.2
0.5
1
2
5
10
20
50
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Illuminance
Illuminance E v
1
2
tr
tf
80
60
40
20
100
+90˚
+80˚
+70˚
+50˚
+60˚
+40˚
+30˚
+20˚
+10˚
0
- 30˚
- 10˚
- 20˚
- 40˚
- 50˚
- 60˚
- 70˚
- 80˚
- 90˚
0
Angular displacement
θ
Wavelength
λ ( nm )
0
90
600
100
70
80
40
30
50
60
20
10
400
800
1000
1200
90 %
1.5V
10 %
Output
Input
50 %
0.01
µ F
Output
Voltage regulater
Zo = 50
Ω
Amp
47
Ω
Input
Test Circuit for Response Time (IS487)
90%
1.5V
10%
Output
Input
50%
0.01
µ F
Output
Voltage regulater
Zo = 50
Ω
Amp
47
Ω
Input
Test Circuit for Response Time (IS488 )
9
10
11
12
tr = tf = 0.01 µ s
Vcc = 5V
RL
tPLH
tPHL
VOH
tf
tr
tr = tf = 0.01 µ s
Vcc = 5V
RL
tPLH
tPHL
VOH
VOL
tf
tr
Fig. 6 Propagation Delay Time vs.
Fig. 7 Rise Time, Fall Time vs.
Fig. 8 Sensitivity Diagram
Fig. 9 Spectral Sensitivity
( T a = 25˚C )
Ta = 25˚C
VCC =5V
RL= 280Ω
Ta = 25˚C
1 t PLH (IS487 )
t PHL (IS488 )
2 t PHL (IS487 )
t PLH (IS488 )
Ta = 25˚C
V CC = 5V
q Please refer to the chapter “ Precautions for Use.”
( lx )
EV = 50lx
Load Resistance
Load resistance R L ( kΩ )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com