Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS489 Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS489
Description  Low Voltage Operating Type High Sensitivity OPIC Light Detector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS489 Datasheet(HTML) 2 Page - Sharp Corporation

  IS489 Datasheet HTML 1Page - Sharp Corporation IS489 Datasheet HTML 2Page - Sharp Corporation IS489 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VCC
V
IOL
-mA
V OL
IOL
-
0.4
V
V OH
--
V
ICCL
-mA
ICCH
-mA
E VHL
Ta = 25˚C
-
-
E VLH
Ta = 25˚C
-
--
E VLH /E VHL
Ta = 25˚C
-
RL
µ s
tr
tf
-
-
-
0.1
-
lx
lx
tPHL
tPLH
Recommended Operating Conditions
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Low level output voltage
High level output voltage
Low level supply current
High level supply current
Hysteresis
Rise time
Fall time
Parameter
Symbol
MIN.
MAX.
Unit
Supply voltage
Output current
Peak sensitivity wavelength
λ P
-
900
nm
Conditions
0.6
0.4
0.55
15
22
0.95
15
30
7.0
IS489
*1
*2
*3
=3k
Ω
Ta = 25˚C
EV = 0 lx
EV = 50 lx
EV = 0 lx
-
-
-
-
2.9
0.1
0.6
0.4
4.8
3.7
0.75
1.3
8.5
0.06
3.0
1.0
-
*3 Hysteresis standards for E
/E
.
VLH
VHL
1.4
1.0
Fig. 1 Output Current vs. Ambient Temperature
Fig. 2 Output Power Dissipation vs.
Ambient Temperature
0
0
25
100
50
75 85
-25
Ambient temperature Ta (˚C )
30
2.5
2.0
1.5
1.0
0.5
0.4
85
75
50
100
25
0
0
300
-25
Ambient temperature Ta (˚C)
100
80
60
40
20
16
CC
(Ta=0 to 70˚C, V
=3V unless otherwise specified)
1.2
0.5
(Ta=25˚C)
Ev = 125 lx or equivalent
Electro-optical Characteristics
"High
→Low"
threshold illuminance
"Low
→High"
threshold illuminance
"High
→Low"
propagation delay time
"Low
→High"
propagation delay time
= 1mA,EV = 50 lx
*1 E
represents illuminance by CIE standard light source A (tungsten lamp) when output changes from "high" to "low".
VHL
*2 E
represents illuminance by CIE standard light source A (tungsten lamp) when output changes from "low" to "high".
VLH
s
s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com