Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS489 Datasheet(PDF) 3 Page - Sharp Corporation

Part # IS489
Description  Low Voltage Operating Type High Sensitivity OPIC Light Detector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS489 Datasheet(HTML) 3 Page - Sharp Corporation

  IS489 Datasheet HTML 1Page - Sharp Corporation IS489 Datasheet HTML 2Page - Sharp Corporation IS489 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IS489
(Ta=25 ˚C)
Fig. 6 Radiation Diagram
Wavelength
λ (nm)
Fig. 5 Rise, Fall Time vs. Load Resistance
0.01
µ F
15k
Ω
47
Ω
50%
90%
10% 1.5V
tr= tf= 0.01 µ s
Zo= 50
Ω
Vcc= 5V
RL
VOH
tf
tr
tPHL
tPLH
Input
Input
Output
Output
Amp.
Fig. 4 Supply Current vs. Ambient
Temperature
Low level output current I OL (mA)
Ambient temperature Ta (˚C)
Test Circuit for Response Time
Fig. 7 Spectral Sensitivity
Please refer to the chapter "Precautions for Use". (Page 78 to 93)
Fig. 3 Low Level Output Voltage vs.
Low Level Output Current
80
60
40
20
100
+90 ˚
+ 80˚
+ 70˚
+ 50˚
+ 60˚
+ 40˚
+ 30˚
+ 20˚
+10˚
0
-30˚
- 10˚
- 20˚
-40˚
-50˚
-60˚
-70˚
-80˚
-90˚
0
Angular displacement
θ
400 500
600
700
800
900 1000 1100 1200
0
20
40
60
80
100
Ta =25˚C
Load resistance R L (k
Ω )
0.1
0
0.5
1
1.5
2
2.5
3
1
2
5
1.0
20
50 100
tf
tr
Ta=25˚C Vcc=3V
Ev=125 lx or
equivalent
-25
0
0.5
1
1.5
2
0
255075
100
ICCL
ICCH
Vcc=3V
Vcc=8V
Vcc=3V
Vcc=8V
0.01
0.1
1
0.1
1
10
Vcc=3V,Ta=25˚C
Ev= 50 lx
q



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com