Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6T11 Datasheet(PDF) 1 Page - Rohm

Part # MP6T11
Description  Midium Power Transistors (-30V / -1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6T11 Datasheet(HTML) 1 Page - Rohm

  MP6T11 Datasheet HTML 1Page - Rohm MP6T11 Datasheet HTML 2Page - Rohm MP6T11 Datasheet HTML 3Page - Rohm MP6T11 Datasheet HTML 4Page - Rohm MP6T11 Datasheet HTML 5Page - Rohm MP6T11 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
Midium Power Transistors (-30V / -1A)
MP6T11
Structure
Dimensions (Unit : mm)
PNP Silicon epitaxial planar transistor
Features
Low saturation voltage
VCE (sat) = -0.35V (Max.) (IC / IB= -500mA / -25mA)
Applications
Inner circuit (Unit : mm)
Package
MPT6
Code
TR
Basic ordering unit (pieces)
1000
Absolute maximum ratings (Ta=25°C)
 
<It is the same ratings for the Tr.1 and Tr.2>
Symbol
Limits
Unit
Collector-base voltage
VCBO
-30
V
Collector-emitter voltage
VCEO
-30
V
Emitter-base voltage
VEBO
-6
V
DC
IC
-1
A
Pulsed
ICP
-2
A
PD
2.0
W/Total
PD
1.4
W/Element
Junction temperature
Tj
150
C
Range of storage temperature
Tstg
-55 to 150
C
*1 Pw=10ms, Single Pulse
*2 Mounted on a 40 x 40 x 0.7[mm] ceramic board
Low Frequency Amplifier
Driver
Packaging specifications
Type
Parameter
Collector current
Power dissipation
*1
*2
*2
(1) Tr.1 Emitter
(2) Tr.1 Base
(3) Tr.2 Collector
(4) Tr.2 Emitter
(5) Tr.2 Base
(6) Tr.1 Collector
(1) Tr.1 Emitter
(2) Tr.1 Base
(3) Tr.2 Collector
(4) Tr.2 Emitter
(5) Tr.2 Base
(6) Tr.1 Collector
(1)
(2)
(3)
(4)
(5)
(6)
Tr.1
Tr.2
MPT6
(Dual)
(1)
(2)
(3)
(6)
(5)
(4)
1/5
2010.12 - Rev.A


Similar Part No. - MP6T11

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6T1 ROHM-MP6T1 Datasheet
109Kb / 4P
Medium Power Transistor (−32V, −1A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
Midium Power Transistors (-50V / -1A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
Midium Power Transistors (-50V / -3A)
More results

Similar Description - MP6T11

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR513P ROHM-2SAR513P_09 Datasheet
241Kb / 5P
Midium Power Transistors (-50V / -1A)
2SAR552P ROHM-2SAR552P_09 Datasheet
242Kb / 5P
Midium Power Transistors (-30V / -3A)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
Midium Power Transistors (50V / 1A)
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
Midium Power Transistors (30V / 5A)
2SAR293P ROHM-2SAR293P Datasheet
529Kb / 6P
Midium Power Transistors (-30V / -1A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
Midium Power Transistors (-50V / -1A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
Midium Power Transistors (30V / 1A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
Midium Power Transistors (50V / 1A)
QS5Y1 ROHM-QS5Y1 Datasheet
1Mb / 8P
Midium Power Transistors (30V / 3A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com