Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X12 Datasheet(PDF) 4 Page - Rohm

Part # MP6X12
Description  Midium Power Transistors (50V / 1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X12 Datasheet(HTML) 4 Page - Rohm

  MP6X12 Datasheet HTML 1Page - Rohm MP6X12 Datasheet HTML 2Page - Rohm MP6X12 Datasheet HTML 3Page - Rohm MP6X12 Datasheet HTML 4Page - Rohm MP6X12 Datasheet HTML 5Page - Rohm MP6X12 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
MP6X12
 
1
10
100
1000
0.1
1
10
100
COLLECTOR - BASE VOLTAGE : V
CB [V]
EMITTER - BASE VOLTAGE : V
EB [V]
Fig.7 Emitter input capacitance vs. Emitter-Base Voltage
Collector output capacitance vs. Collector-Base Voltage
Ta=25
°C
f=1MHz
I
E=0A
I
C=0A
Cob
Cib
10
100
1000
10
100
1000
EMITTER CURRENT : I
E[mA]
Fig.8 Gain Bandwidth Product vs. Emitter Current
Ta=25
°C
V
CE=10V
1
10
Fig.9 Safe Operating Area
10ms
1ms
0.01
0.1
0.1
1
10
100
COLLECTOR TO EMITTER VOLTAGE :V
CE[V]
DC Ta=25
°C
(Mounted on a ceramic board)
100ms
Ta=25℃
When one element operated
Single non repetitive pulse
4/5
2010.11 - Rev.A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com