Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X12 Datasheet(PDF) 1 Page - Rohm

Part # MP6X12
Description  Midium Power Transistors (50V / 1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X12 Datasheet(HTML) 1 Page - Rohm

  MP6X12 Datasheet HTML 1Page - Rohm MP6X12 Datasheet HTML 2Page - Rohm MP6X12 Datasheet HTML 3Page - Rohm MP6X12 Datasheet HTML 4Page - Rohm MP6X12 Datasheet HTML 5Page - Rohm MP6X12 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
Midium Power Transistors (50V / 1A)
MP6X12
Structure
Dimensions (Unit : mm)
NPN Silicon epitaxial planar transistor
Features
1) Low saturation voltage
VCE (sat) = 0.35V (Max.) (IC / IB= 500mA / 25mA)
2) High speed switching
Applications
Driver
Inner circuit
Package
MPT6
Code
TR
Basic ordering unit (pieces)
1000
Absolute maximum ratings (Ta = 25
C)
 
<It is the same ratings for the Tr.1 and Tr.2>
Symbol
Limits
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
6V
DC
IC
1A
Pulsed
ICP
2A
PD
2.0
W/Total
PD
1.4
W/Element
Junction temperature
Tj
150
C
Range of storage temperature
Tstg
-55 to 150
C
*1 Pw=10ms, Single Pulse
*2 Mounted on a 40 x 40 x 0.7[mm] ceramic board.
Power dissipation
Packaging specifications
Type
Parameter
Collector current
MPT6
(1)
(2)
(3)
(6)
(5)
(4)
*1
*2
*2
(1)
(2)
(3)
(4)
(5)
(6)
(1) Tr.1 Emitter
(2) Tr.1 Base
(3) Tr.2 Collector
(4) Tr.2 Emitter
(5) Tr.2 Base
(6) Tr.1 Collector
(1) Tr.1 Emitter
(2) Tr.1 Base
(3) Tr.2 Collector
(4) Tr.2 Emitter
(5) Tr.2 Base
(6) Tr.1 Collector
1/5
2010.11 - Rev.A


Similar Part No. - MP6X12

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 1A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
Midium Power Transistors (30V / 1A)
MP6X13 ROHM-MP6X13 Datasheet
422Kb / 6P
Midium Power Transistors (50V / 3A)
More results

Similar Description - MP6X12

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR513P ROHM-2SAR513P_09 Datasheet
241Kb / 5P
Midium Power Transistors (-50V / -1A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
Midium Power Transistors (-50V / -3A)
2SAR553P ROHM-2SAR553P_09 Datasheet
242Kb / 5P
Midium Power Transistors (-50V / -2A)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
Midium Power Transistors (50V / 1A)
2SAR543D ROHM-2SAR543D Datasheet
524Kb / 6P
Midium Power Transistors (-50V/-4A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
Midium Power Transistors (-50V / -1A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
Midium Power Transistors (50V / 3A)
QS6Z5 ROHM-QS6Z5 Datasheet
1Mb / 8P
Complex Midium Power Transistors (50V/1A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
Midium Power Transistors (50V / 2A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com