Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X13 Datasheet(PDF) 2 Page - Rohm

Part # MP6X13
Description  Midium Power Transistors (50V / 3A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X13 Datasheet(HTML) 2 Page - Rohm

  MP6X13 Datasheet HTML 1Page - Rohm MP6X13 Datasheet HTML 2Page - Rohm MP6X13 Datasheet HTML 3Page - Rohm MP6X13 Datasheet HTML 4Page - Rohm MP6X13 Datasheet HTML 5Page - Rohm MP6X13 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
MP6X13
 
 Electrical characteristics
(Ta = 25
C)
 
<It is the same characteristics for the Tr.1 and Tr.2>
Symbol
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCEO
50
-
-
V
IC= 1mA
Collector-base breakdown voltage
BVCBO
50
-
-
V
IC= 100μA
Emitter-base breakdown voltage
BVEBO
6-
-
V
IE= 100μA
Collector cut-off current
ICBO
--
1
A VCB= 50V
Emitter cut-off current
IEBO
--
1
A VEB= 4V
Collector-emitter staturation voltage
VCE(sat)
-
130
350
mV IC= 1A, IB= 50mA
DC current gain
hFE
180
-
450
-
VCE= 3V, IC= 50mA
Turn-on time
ton
-50
-
ns
Storage time
tstg
-
450
-
ns
Fall time
tf
-80
-
ns
*1 Pulsed
*2 See switching time test circuit
Conditions
320
-
MHz
VCE= 10V
IE=-500mA, f=100MHz
Parameter
Transition frequency
fT
-
Collector output capacitance
Cob
-13
-
pF
VCB= 10V, IE=0A
f=1MHz
IC= 1.5A, IB1= 150mA,
IB2=-150mA, VCC 10V
*2
*2
*2
~_
*1
*1
2/5
2010.11 - Rev.A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com