Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X13 Datasheet(PDF) 1 Page - Rohm

Part # MP6X13
Description  Midium Power Transistors (50V / 3A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X13 Datasheet(HTML) 1 Page - Rohm

  MP6X13 Datasheet HTML 1Page - Rohm MP6X13 Datasheet HTML 2Page - Rohm MP6X13 Datasheet HTML 3Page - Rohm MP6X13 Datasheet HTML 4Page - Rohm MP6X13 Datasheet HTML 5Page - Rohm MP6X13 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
Midium Power Transistors (50V / 3A)
MP6X13
Structure
Dimensions (Unit : mm)
NPN Silicon epitaxial planar transistor
Features
1) Low saturation voltage
VCE (sat) = 0.35V (Max.) (IC / IB= 1A / 50mA)
2) High speed switching
Applications
Low Frequency Amplifier Driver
Inner circuit
Package
MPT6
Code
TR
Basic ordering unit (pieces)
1000
Absolute maximum ratings (Ta = 25
C)
 
<It is the same ratings for the Tr.1 and Tr.2>
Symbol
Limits
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
6V
Continuous
IC
3A
Pulsed
ICP
6A
PD
2.0
W/Total
PD
1.4
W/Element
Junction temperature
Tj
150
C
Range of storage temperature
Tstg
-55 to 150
C
*1 Pw=10ms, 1Pulse
*2 Mounted on a 40 x 40 x 0.7[mm ] ceramic board.
Power dissipation
Packaging specifications
Type
Parameter
Collector current
*1
*2
*2
(1)
(2)
(3)
(4)
(5)
(6)
(1) Tr.1 Emitter
(2) Tr.1 Base
(3) Tr.2 Collector
(4) Tr.2 Emitter
(5) Tr.2 Base
(6) Tr.1 Collector
(1) Tr.1 Emitter
(2) Tr.1 Base
(3) Tr.2 Collector
(4) Tr.2 Emitter
(5) Tr.2 Base
(6) Tr.1 Collector
1/5
2010.11 - Rev.A


Similar Part No. - MP6X13

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 1A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
Midium Power Transistors (30V / 1A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
Midium Power Transistors (50V / 1A)
More results

Similar Description - MP6X13

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
Midium Power Transistors (-50V / -3A)
2SCR533P ROHM-2SCR533P_09 Datasheet
235Kb / 5P
Midium Power Transistors (50V / 3A)
2SAR533D ROHM-2SAR533D Datasheet
428Kb / 6P
Midium Power Transistors (-50V / -3A)
2SAR543R ROHM-2SAR543R Datasheet
496Kb / 6P
Midium Power Transistors (-50V/-3A)
2SCR533D ROHM-2SCR533D Datasheet
494Kb / 6P
Midium Power Transistors (50V / 3A)
2SCR543R ROHM-2SCR543R Datasheet
439Kb / 6P
Midium Power Transistors (50V / 3A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
Midium Power Transistors (-50V / -3A)
QS5W2 ROHM-QS5W2 Datasheet
432Kb / 6P
Midium Power Transistors (50V / 3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
Midium Power Transistors (50V / 3A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
Midium Power Transistors (50V / 2A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com