Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PML100HZPJV2L2 Datasheet(PDF) 1 Page - Rohm

Part # PML100HZPJV2L2
Description  Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PML100HZPJV2L2 Datasheet(HTML) 1 Page - Rohm

  PML100HZPJV2L2 Datasheet HTML 1Page - Rohm PML100HZPJV2L2 Datasheet HTML 2Page - Rohm PML100HZPJV2L2 Datasheet HTML 3Page - Rohm PML100HZPJV2L2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.C
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PML100
Features
1) Ultra-low resistance range (0.5m
-)
2) Wide terminal configuration for high joint reliability.
3) Unique trimless structure utilized for improved current detection accuracy.
4) ISO9001- / ISO/TS 16949- approved
Rating
(0.5m
Ω)
−55°C to +155°C
2W
(1.0 to 2.2m
Ω)
3W at 25
°C
2W at 70
°C
The load shall be derated in accordance with Fig.1
Item
Conditions
Specifications
Rated power
Rated voltage and current are determined from the following.
E
= P×R
I
= P / R
Rated voltage
Rated current
Temperature
Resistance
See Table 1.
E: Rated voltage (V)
I : Rated current (A)
P: Rated power (W)
R: Resistance (
Ω)
0
20
40
60
80
100
−55
0
70
100
125
155
AMBIENT TEMPERATURE (
°C)
0
20
40
60
80
100
−55
0
70
25
100
125
155
AMBIENT TEMPERATURE (
°C)
Fig.1
(0.5m
Ω)
(1.0∼2.2m
Ω)
1.0,1.5,2.0,2.2
0.5
V
J (
±5%)
±150
±100
RESISTANCE
(m
Ω)
TOLERANCE
SPECIAL
CODE
TEMPERATURE
COEFFICIENT (ppm / ˚C)
Table.1


Similar Part No. - PML100HZPJV2L2

ManufacturerPart #DatasheetDescription
logo
Rohm
PML100HZPJV2L2 ROHM-PML100HZPJV2L2 Datasheet
148Kb / 3P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
More results

Similar Description - PML100HZPJV2L2

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR25 ROHM-PMR25 Datasheet
95Kb / 3P
Ultra low ohmic resistors for current detection
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
Ultra low ohmic resistors for current detection
PMR03 ROHM-PMR03 Datasheet
115Kb / 3P
Ultra low ohmic resistors for current detection
PML50 ROHM-PML50 Datasheet
140Kb / 3P
Ultra-low Ohmic Resistors for Current Detection (Wide terminal type)
PML100 ROHM-PML100 Datasheet
148Kb / 3P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PML10 ROHM-PML10_11 Datasheet
924Kb / 4P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PML18 ROHM-PML18 Datasheet
925Kb / 4P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
Ultra-Low Ohmic Resistors for Current Detection
PML10_1111 ROHM-PML10_1111 Datasheet
128Kb / 4P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PML18_1111 ROHM-PML18_1111 Datasheet
128Kb / 4P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com