Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PML100HZPJV2L2 Datasheet(PDF) 3 Page - Rohm

Part # PML100HZPJV2L2
Description  Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PML100HZPJV2L2 Datasheet(HTML) 3 Page - Rohm

  PML100HZPJV2L2 Datasheet HTML 1Page - Rohm PML100HZPJV2L2 Datasheet HTML 2Page - Rohm PML100HZPJV2L2 Datasheet HTML 3Page - Rohm PML100HZPJV2L2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.C
Data Sheet
PML100
Dimensions&Construction
0.50
0.45
0.90
0.70
0.40
0.36
3.20
6.40
①
②
③
④
⑤
No.
Material
Resistive metal element(Ni-Cu/Ni-Cr Alloy)
Inner electrode(Cu)
External electrode(Sn)
Over coat(Resin : Black)
Marking(Resin : Yellow)
L
W
t
a
④
④
①
②
③
⑤
(The Surface)
(The back)
(The cross section)
Resistance
Measure
±
L
0.25
±
W
0.25
±
t
0.15
±
a
0.25
±
b
0.25
0.5m
Ω
1.0m
Ω
1.5m
Ω
2.0m
Ω
2.2m
Ω
1L00
a
b
b
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●●
Part No. Explanation
PM
1
L
0
H Z P
J
V
0
Special part number
Packaging Specifications Code
Part No.
HZP
Part No.
Resistance tolerance
J(
±5%)
Code
Embossed tape (4mm Pitch)
φ180mm (7inch )
Packaging specifications
Reel
2,000
Basic ordering unit (pcs)
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
Resistance tolerance
±5%
J
PML100
Nominal resistance
Resistance code, 3 digits.
Resistance
Value
3 digits(J)
1m
Ω
2m
Ω
1.5m
Ω
2L0
2.2m
Ω
2L2
1L5
1L0
0.5m
Ω
0L5
Packaging
AB
C
D
12.0
±0.3
5.5
±0.05
1.75
±0.1
3.5
±0.2
6.7
±0.2
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ180
0
−1.5
φ60
+1
φ13±0.2
13
φ1.5 +0.1
0
C
AB
D
Label
Reel
Taping
A0
P1
P0
P2
K
0
EIAJ ET-7200B compliant
(Unit : mm)
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
K
+1.0
0
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com