Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40V Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS40V
Description  150mW Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS40V Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS40V Datasheet HTML 1Page - Micro Commercial Components BAS40V Datasheet HTML 2Page - Micro Commercial Components BAS40V Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS40V
150mW
Schottky Diodes
Features
•
Fast Switching Speed
•
Low Forward Voltage Drop
•
PN Junction Guard Ring for Transient and ESD Protection
•
Lead Free Plating
Maxim um Ratings
Symbol
Rating
Rating
Unit
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
40
V
IO
Average Rectified Output Current
200
mA
R©JA
Thermal Resistance Junction to Ambient
833
/W
PD
Power dissipation
150
mW
TJ
Junction Temperature
-55 to +125
TSTG
Storage Temperature
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Test Conditions
V(BR)
Reverse Breakdown Voltage
40V
IR=10
­A
IR
Reverse Voltage Leakage
Current
200nA
VR=30V, tp<300
­s
VF
Forward Voltage
380mV
1000mV
IF=1mA, tp<300
­s
IF=40mA, tp<300
­s
CT
Total Capacitance
5pF
VR=0, f=1MHZ
trr
Reverse Recovery Time
5ns
Irr=10mA,IR=IF=10m
A, RL=100
¡
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.006
.011
0.15
0.30
B
.043
.049
1.10
1.25
C
.061
.067
1.55
1.70
D
.020
0.50
G
.035
.043
0.90
1.10
H
.059
.067
1.50
1.70
K
.022
.023
0.56
0.60
L
.004
.011
0.10
0.30
M
.004
.007
0.10
0.18
SOT-563
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%  !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
Marking: KAN
1 of 3
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAS40V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40V DIODES-BAS40V Datasheet
245Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 2 - 2
BAS40V DIODES-BAS40V Datasheet
71Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 3 - 2
BAS40V DIODES-BAS40V Datasheet
122Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 4 - 2
logo
Shenzhen Jin Yu Semicon...
BAS40V HTSEMI-BAS40V Datasheet
512Kb / 2P
SCHOTTKY DIODE
logo
WILLAS ELECTRONIC CORP
BAS40V WILLAS-BAS40V Datasheet
452Kb / 3P
Plastic-Encapsulate Diodes S CHOTTKY BARRIER DIODE
More results

Similar Description - BAS40V

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448X MCC-1N4448X Datasheet
468Kb / 4P
150mW Switching Diodes
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
150mW Switching Diodes
BAT54V MCC-BAT54V Datasheet
183Kb / 3P
150mW Schottky Diodes
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
150mW Switching Diodes
MMBD4448V MCC-MMBD4448V Datasheet
197Kb / 3P
150mW Switching Diodes
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
150mW Switching Diodes
logo
WILLAS ELECTRONIC CORP
BAS40W WILLAS-BAS40W Datasheet
563Kb / 5P
150mW Plastic-Encapsulate Schottky Barrier Diodes
logo
Micro Commercial Compon...
MMBD4448HT MCC-MMBD4448HT_13 Datasheet
220Kb / 3P
150mW Switching Diodes
BAS40V MCC-BAS40V_14 Datasheet
280Kb / 3P
150mW Schottky Diodes
BAT54V MCC-BAT54V_13 Datasheet
209Kb / 3P
150mW Schottky Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com