Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS48 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAS48
Description  350mA Schottky Barrier Rectifier 40 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS48 Datasheet(HTML) 2 Page - Micro Commercial Components

  BAS48 Datasheet HTML 1Page - Micro Commercial Components BAS48 Datasheet HTML 2Page - Micro Commercial Components BAS48 Datasheet HTML 3Page - Micro Commercial Components BAS48 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Parameter
Test Conditions
V
IF=1mA
IF=10mA
Forward voltage
IF=200mA
Reverse current
VR=40V
VR=1V, f=1MHz
Junction capacitance
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
Revision: A
2011/01/01
F
Symbol
Min
Typ
Max
Unit
0.3
---
---
CJ
25
A
---
---
---
---
0.4
0.75
V
V
V
pF
---
---
---
---
12
VF
F
V
IR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com