Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS48 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # BAS48
Description  350mA Schottky Barrier Rectifier 40 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS48 Datasheet(HTML) 3 Page - Micro Commercial Components

  BAS48 Datasheet HTML 1Page - Micro Commercial Components BAS48 Datasheet HTML 2Page - Micro Commercial Components BAS48 Datasheet HTML 3Page - Micro Commercial Components BAS48 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Figure 1. Admissible power dissipation
vs. ambient temperature
Figure 2. Forward characteristics
Figure 3. Typical reverse characteristics
Ambient temperature: Ta(
)
Forward voltage: VF(V)
Reverse voltage: VR(V)
BAS48
Revision: A
2011/01/01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com