Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70T Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS70T
Description  150mWatt, 70Volt Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS70T Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS70T Datasheet HTML 1Page - Micro Commercial Components BAS70T Datasheet HTML 2Page - Micro Commercial Components BAS70T Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BA
S70T
150mWatt, 70Volt
Schottky Barrier Diode
SOT-523
Features
•
Ultra-Small Surface Mount Package
•
Low turn on Voltage
•
Fast Switching
•
PN Junction Guard Ring for Transient andESD Protection
MCC
Part Number
Device
Marking
Type
Pin
Configuration
BAS70T
7C
Single
Figure 1
BAS70-04T
7D
Dual
Figure 2
BAS70-05T
7E
Dual
Figure 3
BAS70-06T
7F
Dual
Figure 4
Maximum Ratings
DC Blocking Voltage
VR
70V
Forward Continuous Current
IF
70mA
Non-Repetitive Peak Forward Current t<1s
IFSM
100mA
Total Power Dissipation @ TA = 25°C
PD
150mW
Storage Temperature Range
Tstg
-55
°C to 150°C
Junction Temperature
Tj
-55
°C to 150°C
Electrical Characteristics @ 25°C Unless Otherwise Specified
Ratings
Symbol
Max.
Notes
Forward Voltage
VF
410mV
1000mV
IF=1mA
IF=15mA
Reverse Current
IR
100nA
VR = 50V
Reverse Breakdown
Voltage
V(BR)
>70V
IR=10uA
Total Capacitance
CT
2pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
trr
5nS
IF =IR = 10mA ;
Irr=0.1*IR
RL = 100Ω
MCC
BA
S70-04T
BA
S70-05T
BA
S70-06T
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAS70T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70T DIODES-BAS70T Datasheet
49Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30261 Rev. 4 - 2
BAS70T DIODES-BAS70T Datasheet
362Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30261 Rev. 9 - 2
logo
Guangdong Kexin Industr...
BAS70T KEXIN-BAS70T Datasheet
33Kb / 1P
Schottky Diode
logo
SeCoS Halbleitertechnol...
BAS70T SECOS-BAS70T Datasheet
388Kb / 2P
Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAS70T DIODES-BAS70T Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 July 2008
More results

Similar Description - BAS70T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAL99 MCC-BAL99 Datasheet
251Kb / 3P
350mW 70Volt Switching Diode
BAT54T MCC-BAT54T Datasheet
283Kb / 3P
150mWatt, 30Volt Schottky Barrier Diode
BAV99 MCC-BAV99_11 Datasheet
189Kb / 3P
350mW 70Volt Dual Series Switching Diode
BAL99 MCC-BAL99_13 Datasheet
302Kb / 3P
350mW 70Volt Switching Diode
BAV99 MCC-BAV99_13 Datasheet
221Kb / 3P
350mW 70Volt Dual Series Switching Diode
BAV99-TP MCC-BAV99-TP Datasheet
221Kb / 3P
350mW 70Volt Dual Series Switching Diode
BAT54AT-TP MCC-BAT54AT-TP Datasheet
308Kb / 3P
150mWatt, 30Volt 150mWatt, 30Volt
BAT54CM MCC-BAT54CM Datasheet
462Kb / 3P
150mWatt, 30Volt Schottky Barrier Diode
BAT54M MCC-BAT54M Datasheet
569Kb / 3P
150mWatt, 30Volt Schottky Barrier Diode
BAT54T MCC-BAT54T_13 Datasheet
308Kb / 3P
150mWatt, 30Volt Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com