Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS86 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAS86
Description  200mW Small Signal Schottky Barrier Diodes 50 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS86 Datasheet(HTML) 2 Page - Micro Commercial Components

  BAS86 Datasheet HTML 1Page - Micro Commercial Components BAS86 Datasheet HTML 2Page - Micro Commercial Components BAS86 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
BAS8
6
Revision: A
2011/09/16
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
Figure 1. Max. Reverse Power Dissipation vs.
Junction Temperature
Figure 2. Reverse Current vs. Junction Temperature
15827
0
50
100
150
200
250
300
350
400
450
500
25
50
75
100
125
150
Tj - Junction Temperature (°C)
- Limit
at 100 %V
P
R
R
- Limit
at 80 %V
P
R
R
RthJA = 540 K/W
VR = 50 V
1
10
100
1000
10000
25
50
75
100
125
150
15828
Tj - Junction Temperature (°C)
VR = VRRM
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Diode Capacitance vs. Reverse Voltage
15829
0
0.5
1.0
1.5
0.1
1
10
100
1000
VF - Forward Voltage (V)
Tj = 25 °C
Tj = 125 °C
15830
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
f = 1 MHz
VR - Reverse Voltage (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com