Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS86 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS86
Description  200mW Small Signal Schottky Barrier Diodes 50 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS86 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS86 Datasheet HTML 1Page - Micro Commercial Components BAS86 Datasheet HTML 2Page - Micro Commercial Components BAS86 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS86
200mW
Small Signal Schottky
Barrier Diodes
50 Volts
Features
•
Moisture Sensitivity Level 1
•
This diode features low turn-on voltage
•
The devices are protected by a PN junction guard ring against
excessive voltage, such as electrostatic discharges
•
This diode is also available in a DO-35 case with type designation
BAT86
Rating
Rating
Unit
VR
Continuous Reverse Voltage
50
V
IF
Forward DC Current at Tamb=25
℃
200
(2)
mA
IFRM
Repetitive Peak Forward Current tp<1s,Tamb=25
℃
500
(2)
mA
Ptot
Power Dissipation at Tamb=65
℃
200
(2)
mW
RJA
Thermal Resistance Junction to Ambient Air
300
(2)
℃/W
TJ
Junction Temperature
125
℃
TSTG
Storage Temperature
-65 to +150
℃
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)R
Reverse Breakdown Voltage
(IR=10
µAdc Pulsed)
50
---
---
V
VF
Forward Voltage
IF=0.1mA, Pulse test tp<300
μs
---
0.200
0.300
IF=1.0mA, Pulse test tp<300
μs
---
0.275
0.380
IF=10mA, Pulse test tp<300
μs
---
0.365
0.450
IF=30mA, Pulse test tp<300
μs
---
0.460
0.600
IF=100mA, Pulse test tp<300
μs
---
0.700
0.900
V
IR
Leakage Current
(VR=40Vdc)
---
0.2
0.5
µA
Ctot
Capacitance
(VR=1.0V, f=1.0MHz)
---
---
8
pF
trr
Reverse Recovery Time
(IF=10mA, IR=10mA, Irr=1.0mA)
---
---
5.0
ns
2. Valid provided that electrodes are kept at ambient temperature
MINIMELF
A
B
C
Cathode Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
∅
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/09/16
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Maximum Ratings
Symbol
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


Similar Part No. - BAS86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS86 PHILIPS-BAS86 Datasheet
28Kb / 6P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
231Kb / 5P
Small Signal Schottky Diode
03-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BAS86 SEMTECH_ELEC-BAS86 Datasheet
194Kb / 3P
SCHOTTKY BARRIER DIODE
logo
GOOD-ARK Electronics
BAS86 GOOD-ARK-BAS86 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
More results

Similar Description - BAS86

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
Small-Signal Schottky Barrier Diodes
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
Small Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
Small Signal Schottky Barrier Diodes
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Micro Commercial Compon...
BAS85 MCC-BAS85 Datasheet
701Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
DL4150 MCC-DL4150 Datasheet
593Kb / 3P
200mA Small Signal Diodes 50 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
BAS85 MCC-BAS85_12 Datasheet
396Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com