Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAL035P01 Datasheet(PDF) 5 Page - Rohm

Part # RAL035P01
Description  1.5V Drive Pch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RAL035P01 Datasheet(HTML) 5 Page - Rohm

  RAL035P01 Datasheet HTML 1Page - Rohm RAL035P01 Datasheet HTML 2Page - Rohm RAL035P01 Datasheet HTML 3Page - Rohm RAL035P01 Datasheet HTML 4Page - Rohm RAL035P01 Datasheet HTML 5Page - Rohm RAL035P01 Datasheet HTML 6Page - Rohm RAL035P01 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RAL035P01
 
0
1
2
3
4
5
0
5
10
15
20
25
30
T
a=25°C
V
DD= -6V
I
D= -3.5A
Pulsed
Fig.13 Dynamic Input Characteristics
TOTAL GATE CHARGE : Qg [nC]
10
100
1000
10000
0.01
0.1
1
10
100
C
iss
C
oss
C
rss
T
a=25°C
f=1MHz
V
GS=0V
Fig.14 Typical Capacitance
vs. Drain-Source Voltage
DRAIN-SOURCE VOLTAGE :
-V
DS[V]
5/6
2011.03 - Rev.A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com