Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAL035P01 Datasheet(PDF) 1 Page - Rohm

Part # RAL035P01
Description  1.5V Drive Pch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RAL035P01 Datasheet(HTML) 1 Page - Rohm

  RAL035P01 Datasheet HTML 1Page - Rohm RAL035P01 Datasheet HTML 2Page - Rohm RAL035P01 Datasheet HTML 3Page - Rohm RAL035P01 Datasheet HTML 4Page - Rohm RAL035P01 Datasheet HTML 5Page - Rohm RAL035P01 Datasheet HTML 6Page - Rohm RAL035P01 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
1.5V Drive Pch MOSFET
RAL035P01
Structure
Dimensions (Unit : mm)
Silicon P-channel MOSFET
Features
1) Low On-resistance.
2) Small high power package.
3) Low voltage drive.(1.5V)
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
TCR
Basic ordering unit (pieces)
3000
RAL035P01
Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
12
V
Gate-source voltage
VGSS
0 to 8
V
Continuous
ID
3.5
A
Pulsed
IDP
12
A
Continuous
IS
0.8
A
Pulsed
ISP
12
A
Power dissipation
PD
1W
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to 150
C
*1 Pw
10s, Duty cycle1%
*2 Mounted on a ceramic board.
Thermal resistance
Symbol
Limits
Unit
Channel to Ambient
Rth (ch-a)
125
C / W
*Mounted on a ceramic board.
Parameter
Type
Source current
(Body Diode)
Drain current
Parameter
TUMT6
Abbreviated symbol : SB
(1) Drain
(2) Drain
(3) Gate
(4) Source
(5) Drain
(6) Drain
∗
1 ESD PROTECTION DIODE
∗
2 BODY DIODE
*2
*1
*1
*
∗1
(4)
(1)
(2)
∗2
(6)
(5)
(3)
1/6
2011.03 - Rev.A


Similar Part No. - RAL035P01

ManufacturerPart #DatasheetDescription
logo
Rohm
RAL025P01 ROHM-RAL025P01 Datasheet
1Mb / 7P
1.5V Drive Pch MOSFET
logo
VBsemi Electronics Co.,...
RAL025P01TCR VBSEMI-RAL025P01TCR Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
logo
Rohm
RAL045P01 ROHM-RAL045P01 Datasheet
1Mb / 7P
1.5V Drive Pch MOSFET
More results

Similar Description - RAL035P01

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
1.5V Drive PchPch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
RAL025P01 ROHM-RAL025P01 Datasheet
1Mb / 7P
1.5V Drive Pch MOSFET
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
1.5V Drive Pch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com