Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT45 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAT45
Description  30Milliamp Small Signal Schottky Diode 15 Volt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT45 Datasheet(HTML) 2 Page - Micro Commercial Components

  BAT45 Datasheet HTML 1Page - Micro Commercial Components BAT45 Datasheet HTML 2Page - Micro Commercial Components BAT45 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

































































Figure 1. Forward current versus
voltage
at different temperatures(typical values)
forward
Figure 2. Forward current versus forward
voltage (typical values)








I( A)
R
µ
I( A)
R
µ
Figure 3.R
ambient
everse current versus
temperature
Figure 4.Reverse current versus continuous
revers voltage (typical values)
max.
typ.








 

 

C(pF)





T
= 25 C
amb
90% confidence
V =5V
R



T=( C)
amb
MCC
BAT45
Revision: A
2011/01/01
TM
Micro Commercial Components








 

 

C(pF)
T
= 25 C
amb
10
2
10
1
10
-1
10
-2
I F(mA)
0
0.2
0.4
0.6
0.8
1.0
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com