Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT45 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT45
Description  30Milliamp Small Signal Schottky Diode 15 Volt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT45 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT45 Datasheet HTML 1Page - Micro Commercial Components BAT45 Datasheet HTML 2Page - Micro Commercial Components BAT45 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

 












•
 "" &'
•
('") *
•
+ ,* -
Maximum Ratings
•
. */ '"00°10°
•
*/ '00°10°
•
%'/ 23#°456'/7
Electrical Characteristics @ 25°C Unless Otherwise Specified
82)
9 *
9
09

$-''
'


/:0

6'
/ '
/
0°

8$-'*
'
;
/
/:0

%'
'
$-9 *
9
9
0.53V

9
:
:
:
%'<
2)'
2-<= 8*
9 *

 9:;9 
/:0°
2)=8)
9 *
909
:>
/?  6'
 

2.0
$
'-
@A9:9
 





 




 

 

























DIMENSIONS
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
BAT45
TM
Micro Commercial Components
•
Marking : Cathode band and type number
www.mccsemi.com
1 of 3
Features
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Moisture Sensitivity Level 1
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
*
*


Similar Part No. - BAT45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT45 STMICROELECTRONICS-BAT45 Datasheet
49Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Nov-1994
logo
Shanghai Lunsure Electr...
BAT45 CHENYI-BAT45 Datasheet
99Kb / 2P
30 Milliamp small signal schottky diode 15volt
logo
Jinan Jingheng (Group) ...
BAT45 JINANJINGHENG-BAT45 Datasheet
52Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
Shenzhen Luguang Electr...
BAT45 LUGUANG-BAT45 Datasheet
190Kb / 3P
Small Signal Schottky Diodes
logo
Gaomi Xinghe Electronic...
BAT45 GXELECTRONICS-BAT45 Datasheet
314Kb / 2P
SMALL SINGAL SCHOTTKY DIODES
More results

Similar Description - BAT45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
Micro Commercial Compon...
BAT42 MCC-BAT42 Datasheet
467Kb / 4P
200 Milliamp Small Signal Schottky Diode 30 Volt
BAT42 MCC-BAT42_12 Datasheet
252Kb / 4P
200 Milliamp Small Signal Schottky Diode 30 Volt
BAT45 MCC-BAT45_12 Datasheet
368Kb / 3P
30 Milliamp Small Signal Schottky Diode 15 Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com