Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV20
Description  500mW Small Signal Diodes 120 to 250 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV20 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV20 Datasheet HTML 1Page - Micro Commercial Components BAV20 Datasheet HTML 2Page - Micro Commercial Components BAV20 Datasheet HTML 3Page - Micro Commercial Components BAV20 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV19
THRU
BAV21
500mW
Small Signal
Diodes
120 to 250 Volts
Features
•
Silicon Epitaxial Planar Diodes
•
For General Purpose
•
This diode is also available in other case.
Mechanical Data
•
Case: DO-35 Glass Case
•
Weight: approx. 0.13g
Maximum Ratings
Symbol
Rating
Rating
Unit
VR
Continuous Reverse Voltage
BAV19
BAV20
BAV21
100
150
200
V
VRRM
Repetitive Peak Reverse Voltage BAV19
BAV20
BAV21
120
200
250
V
IF
Forward DC Current at Tamb=25
OC(1)
250
mA
IF(AV)
Rectified Current (Average) Half Wave
Rectification with Resist. Load at
Tamb=25
OC(1)
200
mA
IFRM
Repetitive Peak Forward Current at
f>50Hz, Tamb=25
OC(1)
625
mA
IFSM
Surge Forward Current at t<1s, Tj=25
OC
1.0
A
Ptot
Power Dissipation at Tamb=25
OC(2)
500
mW
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=100mA)
(IF=200mA)
---
---
---
---
1.00
1.25
V
IR
Leakage Current
(VR=100V)
BAV19
(VR=100V, Tj=100
OC)
BAV19
(VR=150V)
BAV20
(VR=150V, Tj=100
OC)
BAV20
(VR=200V)
BAV21
(VR=200V, Tj=100
OC)
BAV21
---
---
---
---
---
---
---
---
---
---
---
---
100
15
100
15
100
15
nA
uA
nA
uA
nA
uA
rf
Dynamic Forward Resistance
(IF=10mA)
---
5.0
---
OHM
Ctot
Capacitance
(VR=0, f=1.0MHz)
---
1.5
---
pF
trr
Reverse Recovery Time
(IF=30mA, IR=30mA)
(Irr=3.0mA, RL=100OHMS)
---
---
50
ns
.
DO-35 GLASS
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
•
Marking : Cathode band and type number
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Moisture Sensitivity Level 1
2. Valid provided that leads are kept at ambient temperature at a distance of 8mm
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
from case.


Similar Part No. - BAV20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV20 PHILIPS-BAV20 Datasheet
54Kb / 12P
General purpose diodes
1999 May 25
logo
Vishay Siliconix
BAV20 VISHAY-BAV20 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV20 FAIRCHILD-BAV20 Datasheet
36Kb / 1P
General Purpose Diodes
BAV20 FAIRCHILD-BAV20 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
Diodes Incorporated
BAV20 DIODES-BAV20 Datasheet
62Kb / 2P
FAST SWITCHING DIODE
DS22006 Rev. H-2
More results

Similar Description - BAV20

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV19W MCC-BAV19W Datasheet
163Kb / 3P
410mW Small Signal Diodes 120 to 250 Volts
logo
Rectron Semiconductor
BAV19WS RECTRON-BAV19WS Datasheet
141Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
logo
Micro Commercial Compon...
BAV19W MCC-BAV19W_11 Datasheet
310Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS Datasheet
253Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAV19 MCC-BAV19_12 Datasheet
287Kb / 4P
500mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W_13 Datasheet
332Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS_13 Datasheet
273Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAV21W-TP MCC-BAV21W-TP Datasheet
332Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
logo
SUNMATE electronic Co.,...
BZX55 SUNMATE-BZX55 Datasheet
1Mb / 2P
500mW Axial Leaded Small Signal Zener Diodes
logo
Micro Commercial Compon...
BAV19WS MCC-BAV19WS_16 Datasheet
264Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com