Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV74 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV74
Description  225mW 50 Volt Dual Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV74 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV74 Datasheet HTML 1Page - Micro Commercial Components BAV74 Datasheet HTML 2Page - Micro Commercial Components BAV74 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV7
4
225mW 50 Volt Dual
Switching Diode
SOT-23
Suggested Solder
Pad Layout
Features
•
Fast Switching Speed
•
For General Purpose Switching Applications
•
Surface Mount Package
Ideally Suited for Automatic Insertion
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance;
556oC/W Junction To Ambient
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Reverse Voltage
VR
50V
Average Rectified
Output Current
IO
200mA
Power Dissipation
PD
225mW
Maximum
Instantaneous
Forward Voltage
VF
1V
IFM = 100mA;
Reverse
voltage
leakage current
IR
0.1
µA
Typical Junction
Capacitance
CJ
2 pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
4nS
IF=IR=10mA
I rr = 0.1xI
R
RL=100
Ω
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
C
AA
K
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
1 of 3
High Conductance
Marking:JA
VR=50Volts
•
Lead Free Finish/Rohs Compliant
("P"Suffix designates
RoH SCompliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74 Datasheet
57Kb / 12P
High-speed double diode
1999 May 11
logo
Zowie Technology Corpor...
BAV74 ZOWIE-BAV74 Datasheet
44Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Fairchild Semiconductor
BAV74 FAIRCHILD-BAV74 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
More results

Similar Description - BAV74

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
BAS116 MCC-BAS116 Datasheet
153Kb / 2P
225mW Switching Diode
logo
Taiwan Semiconductor Co...
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
MMBD7000 MCC-MMBD7000_11 Datasheet
219Kb / 3P
225mW 100Volt Dual Switching Diode
BAS21A MCC-BAS21A_13 Datasheet
234Kb / 2P
225mW 250Volt Switching Diode
BAS116 MCC-BAS116_13 Datasheet
193Kb / 2P
225mW Switching Diode
BAV74 MCC-BAV74_13 Datasheet
314Kb / 3P
225mW 50 Volt Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
225mW SMD Switching Diode
logo
Micro Commercial Compon...
MMBD7000 MCC-MMBD7000_17 Datasheet
284Kb / 3P
225mW 100Volt Dual Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com