Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPI-130 Datasheet(PDF) 2 Page - Rohm

Part # RPI-130
Description  Photointerrupter, Ultraminiature DIP type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPI-130 Datasheet(HTML) 2 Page - Rohm

  RPI-130 Datasheet HTML 1Page - Rohm RPI-130 Datasheet HTML 2Page - Rohm RPI-130 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Delay time
Rise time (time for output current to rise from
10% to 90% of peak current)
Fall time (time for output current to fall from 90%
to 10% of peak current)
td
:
t r
:
t f
:
Fig.12 Response time measurement circuit
td
tr
tf
10%
90%
RL
VCC
Input
Input
Output
Output
Fig.11 Output characteristics
Fig.8 Response time vs.
load resistance
Fig.9 Dark current vs.
ambient temperature
Fig.7 Collector current vs.
forward current
Dimensions (Unit : mm)
Note) 1. Unspecified tolerance shall be ± 0.2.
2. Dimension in parenthesis are shown for
reference.
AMBIENT TEMPERATURE : Ta
(
°C)
0
255075
100
−25
0.1
1
10
100
1000
VCE
=20V
VCE
=10V
VCE
=30V
FORWARD CURRENT : IF
(mA)
0
2
4
6
8
10
12
14
16
18
20
0
1020304050
VCE=5V
Ta=25
℃
LOAD RESISTANCE : RL
(k
Ω)
110
100
0
300
400
100
200
700
600
500
800
VCC
=5V
IC
=0.1mA
tr
tf
0
5
10
15
20
25
02
46
8
10
CORRECTOR TO EMITTER VOLTAGE : VCE(V)
IF=50mA
IF=40mA
IF=30mA
IF=20mA
IF=10mA
Internal connection diagram
Anode
Colletor
Cathode
Emitter
2010.10 Rev.C
(Optical center)
A-A' Cross section
A
A'
0.7
4- 0. 3
1. 5
3. 1
2- C0. 4
( 2. 0)
(1. 3)
1. 2
4- 0. 15
(0. 3)
1.4
①
③
④
②



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com