Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPI-130 Datasheet(PDF) 1 Page - Rohm

Part # RPI-130
Description  Photointerrupter, Ultraminiature DIP type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPI-130 Datasheet(HTML) 1 Page - Rohm

  RPI-130 Datasheet HTML 1Page - Rohm RPI-130 Datasheet HTML 2Page - Rohm RPI-130 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RPI-130
Photointerrupter, Ultraminiature DIP type
Applications
DSC(Digital steal camera)
DVC(Digital video camera)
Digital handy phone
Features
1) Ultraminiature DIP type.
2) Gap 1.2mm.
Absolute maximum ratings (Ta
=25°C)
Electrical and optical characteristics (Ta
=25°C)
Electrical and optical characteristics curves
Fig.1 Relative output current vs.
distance ( )
Fig.4 Relative output current vs.
distance ( )
Fig.2 Forward current falloff
Fig.6 Relative output vs. ambient
temperature
Fig.3 Forward current vs. forward
voltage
Fig.5 Power dissipation / collector power
dissipation vs. ambient temperature
Parameter
Cut-off frequency
∗ Non-coherent Infrared light emitting diode used.
Peak light emitting wavelength
Rise time
Fall time
Symbol
VF
IR
ICEO
λP
λP
IC
fC
VCE(sat)
tr
tf
Min.
−
−
−
−
2
−
−
Typ.
1.45
−
−
800
−
−
10
Max.
1.75
10
0.1
−
10
0.4
−
Unit
VIF
=20mA
IF
=50mA
VR
=5V
VCE
=10V
−
−
VCE
=5V, IF=10mA
IF
=20mA, IC=0.1mA
VCC
=5V, IF=20mA, RL=100Ω
μA
μA
nm
mA
V
μs
−
10
−
μs
−
1
−
MHz
−
850
−
nm
Conditions
Maximum sensitivity wavelength
λP
−
800
−
nm
∗ This product is not designed to be protected against electromagnetic wave.
VCC
=5V, IC=1mA, RL=100Ω
tr tf
Response time
−
10
−
μs
Forward voltage
Reverse current
Dark current
Peak sensitivity wavelength
Collector current
Collector-emitter saturation voltage
Response time
Parameter
Symbol
IC
VCEO
PD
VR
IF
PC
VECO
Topr
Tstg
Limits
−25 to +85
−30 to +85
50
5
80
30
4.5
30
80
Unit
mA
V
mW
V
V
mA
mW
°C
°C
Forward current
Reverse voltage
Power dissipation
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Operating temperature
Storage temperature
DISTANCE : d
(mm)
−20
0
20
40
60
80
100
10
50
40
30
20
0
AMBIENT TEMPERATURE : Ta (
°C)
FORWARD VOLTAGE : VF (
V)
00.5
11.5
2
0
2
4
6
8
10
12
14
16
18
20
75
°C
50
°C
25
°C
0
°C
−25°C
0
20
40
60
80
100
120
0
0.5
1
1.5
2
0
20
40
60
80
100
120
140
-25
0
25
50
75
100
DISTANCE : d (mm)
AMBIENT TEMPERATURE : Ta
(
°C)
−20
0
40
60
80
20
100
0
20
40
60
80
100
120
PD   PC
AMBIENT TEMPERATURE : Ta (
°C)
VCE=5V
IF=10mA
0
20
40
60
80
100
120
0
0.5
1
1.5


Similar Part No. - RPI-130

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-131 ROHM-RPI-131 Datasheet
73Kb / 3P
Photointerrupter, double-layer mold type
RPI-131 ROHM-RPI-131 Datasheet
70Kb / 2P
Photointerrupter, Small type
RPI-131 ROHM-RPI-131_05 Datasheet
70Kb / 2P
Photointerrupter, Small type
RPI-1391 ROHM-RPI-1391 Datasheet
81Kb / 3P
Photointerrupter, encased type
More results

Similar Description - RPI-130

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
Photointerrupter, Ultraminiature type
PRI-129B ROHM-PRI-129B Datasheet
96Kb / 3P
Photointerrupter, Ultraminiature DIP type
RPI-0128 ROHM-RPI-0128 Datasheet
82Kb / 3P
Photointerrupter, Ultraminiature SMD type
RPI-129B ROHM-RPI-129B Datasheet
96Kb / 3P
Photointerrupter, Ultraminiature DIP type
RPI-121 ROHM-RPI-121_05 Datasheet
75Kb / 2P
Photointerrupter, Ultraminiature type
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
Photointerrupter, Ultraminiature type
RPI-124 ROHM-RPI-124_05 Datasheet
73Kb / 2P
Photointerrupter, Ultraminiature type
RPI-124A ROHM-RPI-124A Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
RPI-124F ROHM-RPI-124F Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
RP-SMA ROHM-RP-SMA Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com