Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML312ECT Datasheet(PDF) 3 Page - Rohm

Part # SML312ECT
Description  Abundant color variations with diverse luminous intensity types
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML312ECT Datasheet(HTML) 3 Page - Rohm

  SML312ECT Datasheet HTML 1Page - Rohm SML312ECT Datasheet HTML 2Page - Rohm SML312ECT Datasheet HTML 3Page - Rohm SML312ECT Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML312WBCW(A)
SML-31 series
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10 10to16 16to25 25to40 40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1600
Mini-mold
ChipLEDs
1608
0.8
SML-311UT
※/※1
SML-310VT
※
Orange (D)
(Ta=25˚C,IF=2mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10 10to16 16to25 25to40 40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1600
Mini-mold
ChipLEDs
1608
0.8
SML-311DT
Yellow (Y, W)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10 10to16 16to25 25to40 40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1600
Mini-mold
ChipLEDs
1608
0.8
SML-311YT
※/※1
SML-311WT
※/※1
SML-310YT
※
Green (M, P, E)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
0.63to1.0 1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10
10to16
16to25
25to40
40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1800
Mini-mold
ChipLEDs
1608
0.8
SML-310MT
※
SML312ECT
※
SML-310PT
※
SML312EC4T
※
Blue (B)
White (WB)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9to1.4 1.4to2.2 2.2to3.6 3.6to5.6 5.6to9.0 9to14
14to22 22to36 36to56 56to90 90to140 140to220 220to360 360to560 560to900
Mini-mold
ChipLEDs
1608
0.8
SML312BC4T
SML312BCT
(Ta=25˚C,IF=5mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
P
Q
R
S
T
U
V
W
X1
X2
Y1
Y2
Z1
25to36
36to56
56to90 90to140 140to220 220to360 360to560 560to900 900to1100 1100to1400 1400to1800 1800to2200 2200to2800
Mini-mold
ChipLEDs
1608
0.8
Part No. Construction
∗
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
3 1 0 D
T
K
T 8 6
Special Code will be applied for
Emitting color W/B/E series.
Chromaticity rank (for white LED)
∗
“−” will be taken out for
emitting color W/B/E series.
Series name
Package type
Chip Type
Emitting Color Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
0
1
Standard Type
Low Current Type
2 High Brightness Type
T86
T87
1
T Transparent Colorless
Cathode at sprocket hole side
For white LED, cathode at sprocket hole side
Reverse of T86
W MilkyWhite
V
U
Y
W
M
P
E
Red:630nm
Red:620nm
Yellow:587(590)nm
D Orange:605nm
Yellow:590nm
Yellowish-Green:572nm
Green:560nm
Bluish-Green:527nm
B Blue:470(466)nm
WB White
Packing Specification
ROHMLEDproductsarebeingshippedwithdesiccant(silicagel)concludedinmoisture-proofbags.
Pastingthemoisturesensitivelabelontheoutersurfaceofthemoisture-proofbagsorenclosingthehumidityindicationcardinsidethebagisavailableuponrequest.
Pleasecontactthenearestsalesofficeordistributerifnecessary.
※Brightnessonspecificationsheetincludetoleranceofwithin±10%.※1:IF=2mA
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com