Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML312ECT Datasheet(PDF) 1 Page - Rohm

Part # SML312ECT
Description  Abundant color variations with diverse luminous intensity types
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML312ECT Datasheet(HTML) 1 Page - Rohm

  SML312ECT Datasheet HTML 1Page - Rohm SML312ECT Datasheet HTML 2Page - Rohm SML312ECT Datasheet HTML 3Page - Rohm SML312ECT Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
0.8
1.2
1.6
1.0
Terminal
Cathode mark
Tolerance:±0.1
(unit:mm)
(unit:mm)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y
X
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y’
X’
SCANNING ANGLE (deg)
Y’
X’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
SML-310 / SML-311 series
SML312 series
※1:Duty1/5,200Hz/※2:Duty1/10,1kHz
PartNo.
LED
chip
Emitting
color
Absolutemaximumratings(Ta=25℃)
Electricalandopticalcharacteristics(Ta=25℃)
Power
dissipation
PD(mW)
Forward
current
IF(mA)
Peakforward
current
IFP(mA)
Reverse
voltage
VR(V)
Operating
temperature
Topr(℃)
Storage
temperature
Tstg(℃)
ForwardvoltageVF ReversecurrentIR DominontwavelengthλD LuminousintensityIV
Typ.
(V) IF(mA)
Max.
(μA) VR(V)
Min.
(nm)
Typ.
(nm)
Max.
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
■ SML-310VT
GaAsPonGaP
Red
55
20
60※1
4
-30to+85
-40to+85
2
20
100
4
625
630
635
20
1.4
4
20
■ SML-311UT
AlGaInP
onGaAs
44
1.8
2
615
620
625
2
0.9
2.5
2
■ SML-311DT
Orange
602
605
608
1.6
3.15
■ SML-310DT
GaAsPonGaP
55
2
20
20
2.2
6.3
20
■ SML-311WT
AIGaInP
onGaAs
Yellow
44
1.8
2
587
590
593
2
0.9
2.5
2
■ SML-311YT
584
587
590
■ SML-310YT
GaAsPonGaP
55
2.1
20
20
2.2
6.3
20
■ SML-310MT
GaP
Yellowish
Green
2.2
567
570
573
3.6
16
■ SML-310PT
Green
557
560
563
1.4
4
■ SML312ECT
InGaN
Bluish
Green
84
100※2
5
-40to+100
3.3
5
520
527
535
90
200
■ SML312EC4T
3.2
525
36
90
■ SML312BCT
Blue
3.3
464
470
476
22
63
■ SML312BC4T
3.2
46
■ SML312WBCW(A)
White
108
30
100※2
-40to+100
3.0
5
(x,y)(0.30,0.29)
5
45
71
5
SCANNINGANGLE(deg)
RELATIVEINTENSITY(%)
SCANNINGANGLE(deg)
RELATIVEINTENSITY(%)
SCANNINGANGLE(deg)
RELATIVEINTENSITY(%)
SCANNINGANGLE(deg)
RELATIVEINTENSITY(%)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
X’ - Y’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
X - Y
SML312WBCW(A)
SCANNINGANGLE(deg)
RELATIVEINTENSITY(%)
SCANNINGANGLE(deg)
RELATIVEINTENSITY(%)
Product Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
SML312BCT/ECT
SML312BC4T/EC4T
Color
Type
V
U
D
Y
W
M
P
E
B
WB
SML-31series
Features
・1608standardsize(1.6×0.8mm,t=0.8mm)
・Abundantcolorvariationswithdiverseluminousintensitytypes
1608(0603)
1.6×0.8mm(t=0.8mm)
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML312ECT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SML312ECT ETC1-SML312ECT Datasheet
106Kb / 2P
LEDs, Surface Mount
logo
Rohm
SML312ECT ROHM-SML312ECT Datasheet
221Kb / 3P
High Brightness Type Mini-molded chip LEDs
SML312ECT ROHM-SML312ECT Datasheet
1Mb / 4P
1608 standard size(1.6횞0.8mm, t=0.8mm)
SML312ECT ROHM-SML312ECT Datasheet
1Mb / 4P
1608 standard size(1.6x0.8mm, t=0.8mm)
SML312ECT ROHM-SML312ECT Datasheet
1Mb / 4P
1608 standard size(1.6횞0.8mm, t=0.8mm)
More results

Similar Description - SML312ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-21 ROHM-SML-21_11 Datasheet
1Mb / 4P
Abundant color variations with diverse luminous intensity types
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
Abundant color variations with diverse luminous intensity types
SML-212VTT86 ROHM-SML-212VTT86 Datasheet
1Mb / 4P
Abundant color variations with diverse luminous intensity types
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
Abundant color variations with diverse luminous intensity types
SML-521MDWT86 ROHM-SML-521MDWT86 Datasheet
588Kb / 10P
Abundant 2 color variations
SML-H12M8TT86 ROHM-SML-H12M8TT86 Datasheet
1Mb / 8P
Abundant color variations with diverse luminous intensity types.
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
luminous intensity
logo
Vishay Siliconix
TLHP42J2L1 VISHAY-TLHP42J2L1 Datasheet
109Kb / 5P
Luminous intensity and color categorized
14-Oct-14
logo
Rohm
SML-H12V8T ROHM-SML-H12V8T Datasheet
295Kb / 11P
Abundant color variations
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com