Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS635SSMTRLFS Datasheet(PDF) 1 Page - C&K Components

Part # PTS635SSMTRLFS
Description  3,5 mm Tact Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS635SSMTRLFS Datasheet(HTML) 1 Page - C&K Components

  PTS635SSMTRLFS Datasheet HTML 1Page - C&K Components PTS635SSMTRLFS Datasheet HTML 2Page - C&K Components PTS635SSMTRLFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B–66
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
PTS635 Series
3,5 mm Tact Switches
Termination
S Thru-hole
V Vertical
Actuation Force
L
130 grams
H
200 grams
K** 260 grams
6
3
5
P
T
S
Actuator Height to PCB / Ground Pin
25 2,5 (.098), SMT
43 4,3 (.169), Thru-hole and SMT
50 5,0 (.197), Thru-hole
31 3,15 (.124), Vertical
39 3,85 (.151), Vertical
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: PC pins
Mechanical
ACTUATION FORCE: PTS635L models: 130 grams.
PTS635H models: 200 grams.
LIFE EXPECTANCY: 20,000 operations.
Electrical
CONTACT RATING: 50 mA @ 12 V DC.
DIELECTRIC STRENGTH: 250 V AC min.
CONTACT RESISTANCE: 100 m
Ω max. initial.
INSULATION RESISTANCE: 1011
Ω min.
Environmental
OPERATING TEMPERATURE: -40˚C to 60˚C
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Process
SOLDERING: Preheating to 100˚C for 45 sec. max. Keep flux flush
with top surface of PCB; do not apply to component side of PCB
and area where terminals are located. Soldering to 255˚C for 5 sec.
max. Clean by brushing on solder surface. Do not clean switch with
solvents.
Materials
BASE: 6/6 nylon or glass filled polyester (PBT) (UL 94V-0).
ACTUATOR: 6/6 nylon or polyacetal (UL 94HB).
COVER PLATE: PTS635S and PTS635V models: Tin plated
stainless steel
DOME CONTACTS: Phosphor bronze, silver clad.
STATIONARY CONTACTS: Brass, silver plated.
TERMINALS: Brass, silver plated. Insert molded.
Packaging
Bulk packaging.
Tape & reel for:
PTS635Sx43SMTR, 1700 pcs per reel
PTS635Sx25SMTR, 3000 pcs per reel
Features/Benefits
• Compact size 6 x 3.5 mm
• Variety of switch heights
• Choice of actuation force
• RoHS compliant and compatible
Typical Applications
• Consumer products
• Instrumentation
• Computer products
• Industrial
Insertion Type*
NONE Thru hole
SMTR Surface mount, tape & reel
* SM and SMTR only available with PTS635 43 and 25 actuator options.
** Only for the PTS635Sx25SMTR.
L
F
S
RoHS compliant and
compatible.
Silver plated.


Similar Part No. - PTS635SSMTRLFS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PTS635SL25SMTRLFS ATMEL-PTS635SL25SMTRLFS Datasheet
857Kb / 38P
AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
ITT Industries
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
3,5 mm Tact Switches
More results

Similar Description - PTS635SSMTRLFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PTS125 ITT-PTS125 Datasheet
198Kb / 3P
12 mm Tact Switches
PTS635 ITT-PTS635 Datasheet
63Kb / 2P
3,5 mm Tact Switches
PTS645 ITT-PTS645 Datasheet
83Kb / 3P
6 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
12 mm Tact Switches
PTS645 CK-COMPONENTS-PTS645 Datasheet
202Kb / 3P
6 mm Tact Switches
PTS645VH15LFS CK-COMPONENTS-PTS645VH15LFS Datasheet
492Kb / 4P
6 mm Tact Switches
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
4,5 mm Tact Switches
logo
ITT Industries
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
3,5 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V01 Datasheet
387Kb / 5P
12 mm Tact Switches
2022
PTS645 CK-COMPONENTS-PTS645_V01 Datasheet
653Kb / 8P
6 mm Tact Switches
14 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com