Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS635SSMTRLFS Datasheet(PDF) 2 Page - C&K Components

Part # PTS635SSMTRLFS
Description  3,5 mm Tact Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS635SSMTRLFS Datasheet(HTML) 2 Page - C&K Components

  PTS635SSMTRLFS Datasheet HTML 1Page - C&K Components PTS635SSMTRLFS Datasheet HTML 2Page - C&K Components PTS635SSMTRLFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B–67
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
2,5
(.098)
2,5 2x
(.098)
"L"
0,3 2x
(.012)
2,4
(.093)
2,5 4x
(.098)
4,3
(.169)
1,0 2x
(.039)
1,6
(.063)
8,50,5
(.335.020)
5,0
(.197)
7,0
(.276)
0,3 2x
(.012)
0,5 2x
(.020)
7,3
(.287)
0,6 MAX.
(.025) 2x
3,0
(.118)
6,1
(0,640)
1,2
(0,047)
2,6
(0,102)
6,8
(0,267)
17,477
PTS635 Series
3,5 mm Tact Switches
2,5
(.098)
ø1,0 2x
(.039)
5,0
(.197)
7,0
(.276)
ø1,3 2x
(.051)
SERIES
TERMINATION
7,9
(.311)
1,0 2x
(.039)
3,5 2x
(.138)
6,5
(.256)
7,9
(.311)
1,0 2x
(.039)
1,5
(.059)
3,5 2x
(.138)
"H"
3,5
(.138)
6,0
(.236)
3,5
(.138)
3,0
(.118)
6,5
(.256)
0,6 MAX.
(.025) 2x
6,5
(.256)
ø1,3 TYP.
(.051)
PCB LAYOUT
PCB LAYOUT
2,5 2x
(.098)
0,3 2x
(.012)
2,4
(.093)
2,5 4x
(.098)
1,0 2x
(.039)
8,50,5
(.335.020)
5,0
(.197)
7,0
(.276)
0,3 2x
(.012)
0,5 2x
(.020)
PTS635S Model
PTS635
V VERTICAL
S THRU-HOLE
SMT 43
9
(0.354)
3
(0.118)
1.5
(0.059)
1
(0.039)
PCB LAYOUT
7.3
(0.287)
10.3
(0.403)
4
(0,157)
8
(0,314)
PCB LAYOUT
SMT 25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com