Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS Datasheet(PDF) 2 Page - C&K Components

Part # MDS
Description  Micro Snap-acting Detect Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MDS Datasheet(HTML) 2 Page - C&K Components

  MDS Datasheet HTML 1Page - C&K Components MDS Datasheet HTML 2Page - C&K Components MDS Datasheet HTML 3Page - C&K Components MDS Datasheet HTML 4Page - C&K Components MDS Datasheet HTML 5Page - C&K Components MDS Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SERIES
M D S
E
E–14
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
MDS Series
Micro Snap-acting Detect Switches
ELECTRICAL RATING
0.3A @ 6 V DC
00A
ELECTRICAL RATING
OPTION CODE
OPERATING FORCE
65 grams max.
65
OPERATING FORCE
OPTION CODE
ACTUATOR
OPERATING CHARACTERISTICS
OPERATING POSITION
7,0+0,4/-0,5
9,6 MAX
DIM 'B'
DIM 'A'
DIM 'D'
DIM 'C'
2,5 MAX
0,15 MIN
0.3A 6V DC
65 gf MAX.
FREE POSITION
PRETRAVEL
OVER TRAVEL
CONTACT RATING
OPERATING FORCE
8,2
6,00
REF
40˚
4,0
CONTACT CONFIGURATION
NO
NC
COM
RECOMMENDED
DIRECTION OF
CAM ENGAGEMENT
2X Ø 1,6
1,6
2,7
‘B’
‘C’
‘D’
‘A’
R 0,6
2,3
L02
STANDARD LEVER
Third Angle
Projection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com