Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS Datasheet(PDF) 6 Page - C&K Components

Part # MDS
Description  Micro Snap-acting Detect Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MDS Datasheet(HTML) 6 Page - C&K Components

  MDS Datasheet HTML 1Page - C&K Components MDS Datasheet HTML 2Page - C&K Components MDS Datasheet HTML 3Page - C&K Components MDS Datasheet HTML 4Page - C&K Components MDS Datasheet HTML 5Page - C&K Components MDS Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1.5
4 TYP
1.75 TYP
0.4
4.6
24
16 TYP
4.5
0.4
4.6
3.7
1.5
4 TYP
1.75 TYP
16 TYP
24
4.5
E
E–18
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
MDS Series
Micro Snap-acting Detect Switches
TAPE & REEL
4 ± 0,1
12 ± 0,1
24 ± 0,3
PULLING-OUT DIRECTION OF THE TAPE
SCALE 3:1
4 ± 0,1
12 ± 0,1
24 ± 0,3
PULLING-OUT DIRECTION OF THE TAPE
Supplied in carrier tape meeting the EIA-481-2 standard for 24mm tape.
Packaging quantity:
SL and SR; 1,600 pieces per reel.
CL, CR, BL and BR; 1,000 pieces per reel.
SL
SMT, LEFT MOUNT
SR
SMT, RIGHT MOUNT
Third Angle
Projection
CL
SMT, LEFT MOUNT
CR
SMT, RIGHT MOUNT
BL
SMT, LEFT MOUNT
BR
SMT, RIGHT MOUNT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com