Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC Datasheet(PDF) 1 Page - C&K Components

Part # TPC
Description  Tri-direction Scan Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TPC Datasheet(HTML) 1 Page - C&K Components

  TPC Datasheet HTML 1Page - C&K Components TPC Datasheet HTML 2Page - C&K Components TPC Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
C-11
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
TPC Series
Tri-direction Scan Switch
Electrical
MAXIMUM POWER: 1.0 VA
MAXIMUM VOLTAGE: 32 V
MAXIMUM CURRENT DC: 50 mA
MINIMUM CURRENT DC: 1 mA
LOW LEVEL USE: 20mV–1mA
DIELECTRIC STRENGTH: 250 Vrms
CONTACT RESISTANCE:
≤ 300 mΩ (select) ≤ 1Ω (left & right)
INSULATION RESISTANCE (100 VDC): 109
Ω
BOUNCE TIME: < 10 ms
Environmental
SILVER
GOLD
OPERATING TEMPERATURE: -40°C to 85°C
-40°C to 125°C
STORAGE TEMPERATURE:
-55°C to 85°C
-55°C to 125°C
Process
Infared reflow soldering in accordance with IEC 61760-1
Note: Specifications listed above are for switches with standard options.
Construction
FUNCTION: Multi-directional momentary action
CONTACT ARRANGEMENT: Make contact = SP, N.O.
TERMINALS: Gullwing type for SMT
Mechanical
MAXIMUM ACTUATION FORCE: 20 N (select), 10 N (left & right).
OPERATING FORCE/TRAVEL:
Direction
Actuation Force
Travel
Left
0.8 ± 0.5 N
16˚ ± 4˚
Right
0.8 ± 0.5 N
16˚ ± 4`˚
Select
1.8 ± 0.6 N
0.75 +/-0.15 mm
Operating life = 150 K cumulated operations (50 K ops in both
scanning directions then 50 K ops in select direction)
Packaging
Tape and reels in reels of 2,000 pieces.
External diameter 330mm ± 2mm.
Button Type
1 “integrated” button type
2 without button
Actuation Force
1 1.0 N scan (left & right), 2.2 N select (push)
T
P
C
L
F
G
3
1
3
Navigation Select
3 2 directions with selection
Contact Material
1 Silver
3 Gold
G
Termination
G Gullwing
RoHS compliant and compatible.
Lead free gold.
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Features/Benefits
• One touch, 3 way switching
• Superior tactile feel
• Rotation of actuator closes two
individual contacts
• Ultra-low profile housing
• Normally open contacts
• Custom actuator by request
• RoHS compliant and compatible
Typical Applications
• Mobile phones
• PDA
• Handheld electronic devices
• Digital cameras, camcorders
• Communication equipment
TPC 2133G
TPC 1133G


Similar Part No. - TPC

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPC TRACOPOWER-TPC Datasheet
432Kb / 4P
TPC Series, 30 to 120 Watt
Rev. February 1, 2021
logo
AVX Corporation
TPC AVX-TPC Datasheet
62Kb / 1P
Marking
logo
Advantech Co., Ltd.
TPC--155H-E3BE ADVANTECH-TPC--155H-E3BE Datasheet
532Kb / 2P
15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor and UL Class 1 Division 2
16-Jan-2023
logo
Micro Electronics
TPC-02026 MICRO-ELECTRONICS-TPC-02026 Datasheet
443Kb / 3P
LINEARITYI WIDTH COIL FOR VIDEO DISPLAY
TPC-02125 MICRO-ELECTRONICS-TPC-02125 Datasheet
443Kb / 3P
LINEARITYI WIDTH COIL FOR VIDEO DISPLAY
More results

Similar Description - TPC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TBWB2A0O ITT-TBWB2A0O Datasheet
189Kb / 2P
Trackball Miniature All-direction Scanning Switch
TPC1133GLFG ITT-TPC1133GLFG Datasheet
315Kb / 3P
Tri-direction Scan Switch
logo
List of Unclassifed Man...
TP5100 ETC2-TP5100 Datasheet
218Kb / 2P
UNI AND TRI-COLOUR ILLUMINATED SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
BT-2442CS AVAGO-BT-2442CS Datasheet
169Kb / 1P
10G E-PON Asymmetrical OLT Tri-direction OSA
logo
Festo Corporation.
8075653 FESTO-8075653 Datasheet
82Kb / 2P
Diffuse scan
8075655 FESTO-8075655 Datasheet
83Kb / 2P
Diffuse scan
537690 FESTO-537690 Datasheet
106Kb / 2P
Diffuse scan
7/13/22
537707 FESTO-537707 Datasheet
110Kb / 2P
Diffuse scan
7/13/22
logo
C&K Components
TBWB2A CK-COMPONENTS-TBWB2A Datasheet
94Kb / 2P
Miniature All-direction Navigation Switch
CS CK-COMPONENTS-CS Datasheet
120Kb / 1P
4-way Adjustable Direction Switch
2 Mar 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com