Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC Datasheet(PDF) 2 Page - C&K Components

Part # TPC
Description  Tri-direction Scan Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TPC Datasheet(HTML) 2 Page - C&K Components

  TPC Datasheet HTML 1Page - C&K Components TPC Datasheet HTML 2Page - C&K Components TPC Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ø
ø
A
B
B
1,5
+0,25
0
1,5
1,7
10,75 ± 0,1
5,38
2,25
A
2
2,75±0,1
1,5
+0,1
0
0,305 ± 0,02
12 ± 0,1
2 ± 0,1
4±0,1
C
C-12
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
TPC 1133G
TPC Series
Tri-direction Scan Switch
TAPE & REEL
ø 5 Pick
11
9,2
6,8
A
ø1
0
-0,05
ø0,1
1,65
max
0,65
6,8
ø 1,1
+0,1
0
9
11,9
12,2
R5,65
13,5± 0,2
0,4 A
11,2 ± 0,15
0,05
A
0,2
1,8
6
6,4
10,2
0,15±0,05
1,77±0,05
11,5 ± 0,15
0,05
A
0±0,05
F/D RIGHT
F/D LEFT
F/D SELECT
INITIAL
3
1
0
2
1
2
3
0
PCB LAYOUT ( TOP VIEW )
Prohibited areas
3
1
02
3
1
02
3
1
02
3
1
02
SCAN
SELECT
OR
OR
( NO SIMULTANEITY REQUIRED BETWEEN THE BOTH WAYS )
3
1
02
LEFT
RIGHT
ELECTRICAL SKETCH
1 : silver or 3 : gold
1
1
2
3
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com