Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX33 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BDX33
Description  NPN Silicon Power Darlingtons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BDX33 Datasheet(HTML) 2 Page - Micro Commercial Components

  BDX33 Datasheet HTML 1Page - Micro Commercial Components BDX33 Datasheet HTML 2Page - Micro Commercial Components BDX33 Datasheet HTML 3Page - Micro Commercial Components BDX33 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BDX33 thru BDX33D
Symbol
Parameter
Min
Typ
Max
Unit
ICEO
Collector-Emitter Cut-Off Current
(VCE=30V, IB=0)
BDX33
(VCE=30V, IB=0)
BDX33A
(VCE=40V, IB=0)
BDX33B
(VCE=50V, IB=0)
BDX33C
(VCE=60V, IB=0)
BDX33D
(VCE=30V, IB=0, TC=100
:)
BDX33
(VCE=30V, IB=0, TC=100
:)
BDX33A
(VCE=40V, IB=0, TC=100
:)
BDX33B
(VCE=50V, IB=0, TC=100
:)
BDX33C
(VCE=60V, IB=0, TC=100
:)
BDX33D
0.5
0.5
0.5
0.5
0.5
ÄÃ
ÄÃ
ÄÃ
ÄÃ
ÄÃ
mA
ICBO
Collector Cut-Off Current
(VCB=45V, IE=0)
BDX33
(VCB=60V, IE=0)
BDX33A
(VCB=80V, IE=0)
BDX33B
(VCB=100V, IE=0)
BDX33C
(VCB=100V, IE=0)
BDX33D
(VCB=45V, IE=0, TC=100
:)
BDX33
(VCB=60V, IE=0, TC=100
:)
BDX33A
(VCB=80V, IE=0, TC=100
:)
BDX33B
(VCB=100V, IE=0, TC=100
:)
BDX33C
(VCB=120V, IE=0, TC=100
:)
BDX33D
1.0
1.0
1.0
1.0
1.0
ÈÁÃ
ÈÁÃ
ÈÁÃ
ÈÁÃ
ÈÁÃ
mA
IEBO
Emitter Cut-Off Current
(VEB=5.0V, IC=0)
10
mA
hFE
Forward Current Transfer Ratio
(VCE=3.0V, IC=4.0A)
BDX33
(VCE=3.0V, IC=4.0A)
BDX33A
(VCE=3.0V, IC=3.0A)
(see notes 4 and 5)
BDX33B
(VCE=3.0V, IC=3.0A)
BDX33C
(VCE=3.0V, IC=3.0A)
BDX33D
750
750
750
750
750
VBE(ON)
Base-Emitter Voltage
(VCE=3.0V, IC=4.0A)
BDX33
(VCE=3.0V, IC=4.0A)
BDX33A
(VCE=3.0V, IC=3.0A)
(see notes 4 and 5)
BDX33B
(VCE=3.0V, IC=3.0A)
BDX33C
(VCE=3.0V, IC=3.0A)
BDX33D
2.5
2.5
2.5
2.5
2.5
V
VCE(SAT)
Collector-Emitter Saturation Voltage
(IB=8.0mA, IC=4.0A)
BDX33
(IB=8.0mA, IC=4.0A)
BDX33A
(IB=6.0mA, IC=3.0A)
(see notes 4 and 5)
BDX33B
(IB=6.0mA, IC=3.0A)
BDX33C
(IB=6.0mA, IC=3.0A)
BDX33D
2.5
2.5
2.5
2.5
2.5
V
VEC
Parallel Diode Forward Voltage
(IE=8.0A, IB=0)
4.0
V
NOTES: 4. These parameters must be measured using pulse techniques, tp=300
V GXW\ F\FOH2%.
5. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
7KHUPDO &KDUDFWHULVWLFV
Symbol
Parameter
Min
Typ
Max
Unit
R-&
Junction to Case Thermal Resistance
1.78
:/W
R-$
Junction to Free Air Thermal Resistance
62.5
:/W
5HVLVWLYH/RDG6ZLWFKLQJ &KDUDFWHULVWLFV DW : &DVH 7HPSHUDWXUH
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ton
Turn-On Time
1.0
ôs
toff
Turn-Off Time
IC=3.0A, IB(on)=12mA, IB(off)=-12mA
VBE(off)=-3.5V, RL
WP V GF2%
5.0
ôs
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com