Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX33 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BDX33
Description  NPN Silicon Power Darlingtons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BDX33 Datasheet(HTML) 1 Page - Micro Commercial Components

  BDX33 Datasheet HTML 1Page - Micro Commercial Components BDX33 Datasheet HTML 2Page - Micro Commercial Components BDX33 Datasheet HTML 3Page - Micro Commercial Components BDX33 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BDX33
THRU
BDX33D
NPN Silicon
Power Darlingtons
0,9:708
$EVROXWH 0D[LPXP 5DWLQJV# °& 8QOHVV 2WKHUZLVH 1RWHG
Symbol
Rating
Value
Unit
VCBO
Collector-Base Voltage (IE=0)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
45
60
80
100
100
V
VCEO
Collector-Emitter Voltage (IB=0)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
45
60
80
100
100
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Continuous Collector Current
10
A
IB
Continuous Base Current
0.3
A
PTOT
Continuous Device Dissipation at (or below) 25
:
Case Temperature (see Note2)
70
W
PTOT
Continuous Device Dissipation at (or below) 25
:
Free Air Temperature (see Note 3)
2.0
W
TJ
Operating Free Air Temperature Range
-55~+150
:
TSTG
Storage Temperature Range
-55~+150
:
TA
Operating Free-Air Temperature Range
-55~+150
:
(OHFWULFDO &KDUDFWHULVWLFV# °& 8QOHVV 2WKHUZLVH 6SHFLILHG
Symbol
Parameter
Min
Typ
Max
Unit
V(BR)CEO
Collector-Emitter Breakdown
Voltage
(IC=100mA, IB=0,see note 3)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
45
60
80
100
100
V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
•
Designed For Complementary Use with BDX34, BDX34A, BDX34B,
BDX34C and BDX34D
•
70W at 25
: Cass Temperature
•
10A Continuous Collector Current
•
Minimum hFE of 750 at 3.0V, 3.0A
www.mccsemi.com
1 of 4
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
TO-220
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
2. Derate Linearly to 150
: Case Temperature at the Rate of 0.56 W/:
3. Derate Linearly to 150
: Free Air Temperature at the Rate of 16m W/:
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - BDX33

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX33 MOSPEC-BDX33 Datasheet
92Kb / 2P
POWER TRANSISTORS(10A,70W)
logo
Power Innovations Ltd
BDX33 POINN-BDX33 Datasheet
128Kb / 7P
NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BDX33 BOURNS-BDX33 Datasheet
112Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
TRANSYS Electronics Lim...
BDX33 TEL-BDX33 Datasheet
100Kb / 3P
NPN/PNP PLASTIC POWER TRANSISTORS
More results

Similar Description - BDX33

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
NPN SILICON POWER DARLINGTONS
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
NPN SILICON POWER DARLINGTONS
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
NPN SILICON POWER DARLINGTONS
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
NPN SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com