Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OD172S Datasheet(PDF) 1 Page - ORION FANS

Part # OD172S
Description  DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD172S Datasheet(HTML) 1 Page - ORION FANS

  OD172S Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
57
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD172S Series
DC Fan - 12, 24, 48V
172x150x51mm (6.7”x 5.9”x 2.0”)
Frame
Diecast Aluminum
Available Options:
Tachometer (5VTTL)
Alarm (5VTTL)
Thermistor Speed Control
PWM Speed Control
Life Expectancy (L10)
Ball - 40,000 hrs (60C)
Operating Temperature
Ball: -20C ~ 75C
Impeller
PBT, UL94V-O plastic
Connection
2x Lead wires, AWG22 or
terminals
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Dual ball bearing
Insulation Resistance
10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature
-30C ~ +90C
m0
* Indicate “B” for wire leads or “TB” for Terminals
Model Number
Speed (RPM)
Airflow
(CFM)
Noise (dB)
Volts DC
Voltage
Range
Amps
Max. Static
Pressure
(“H2O)
OD172SAP-12HH *
3800
290
56
12
8~14
4.20
0.93
OD172SAP-12H *
3200
230
52
12
8~14
1.90
0.75
OD172SAP-12M *
2500
180
42
12
8~14
1.10
0.51
OD172SAP-12L *
1600
125
32
12
8~14
0.45
0.35
OD172SAP-24HH *
3900
300
57
24
15~28
2.65
0.98
OD172SAP-24H *
3300
235
52
24
15~28
0.97
0.79
OD172SAP-24M *
2500
180
42
24
15~28
0.52
0.51
OD172SAP-24L *
1600
125
32
24
15~28
0.20
0.35
OD172SAP-48HH *
3900
300
57
48
22~63
1.03
0.98
OD172SAP-48H *
3300
235
52
48
22~63
0.48
0.79
OD172SAP-48M *
2500
180
42
48
22~63
0.30
0.51
OD172SAP-48L *
1600
125
32
48
22~63
0.12
0.35


Similar Part No. - OD172S

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD172S-XC ORIONFANS-OD172S-XC Datasheet
140Kb / 1P
DC Fan - High Performance 12, 24 48V 172x150x51mm (6.7”x 5.9”x 2.0”)
OD172SAP ORIONFANS-OD172SAP Datasheet
5Mb / 8P
AC & EC FANS
OD172SAP ORIONFANS-OD172SAP Datasheet
403Kb / 1P
DC Fan, 12, 24, 48V 172x152x51mm (6.7”x5.9”x2.0”)
Revised 10/8/2021
OD172SAP-12H ORIONFANS-OD172SAP-12H Datasheet
162Kb / 1P
DC Fan
OD172SAP-12HBXC ORIONFANS-OD172SAP-12HBXC Datasheet
99Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
More results

Similar Description - OD172S

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD1232 ORIONFANS-OD1232 Datasheet
115Kb / 1P
DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
OA172SAP-IP55 ORIONFANS-OA172SAP-IP55 Datasheet
594Kb / 1P
AC FAN - 115V , 230V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAPL_IP55 ORIONFANS-OA172SAPL_IP55 Datasheet
114Kb / 1P
172x150x38mm (6.7?쓝 5.9?쓝 1.5??
OA172SAP-SF ORIONFANS-OA172SAP-SF Datasheet
250Kb / 1P
AC FAN - Salt Fog Rated 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAPXC ORIONFANS-OA172SAPXC Datasheet
98Kb / 1P
AC Fan - 115V, 230V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAPXC-SF ORIONFANS-OA172SAPXC-SF Datasheet
245Kb / 1P
AC FAN - Salt Fog Rated 172x150x55mm (6.7?쓝 5.9?쓝 2.2??
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
OD172S-XC ORIONFANS-OD172S-XC Datasheet
140Kb / 1P
DC Fan - High Performance 12, 24 48V 172x150x51mm (6.7”x 5.9”x 2.0”)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com