Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT111A Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT111A
Description  4.8V to 30V Input, 1.5A LED Driver with Dimming Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT111A Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT111A Datasheet HTML 1Page - Active-Semi, Inc ACT111A Datasheet HTML 2Page - Active-Semi, Inc ACT111A Datasheet HTML 3Page - Active-Semi, Inc ACT111A Datasheet HTML 4Page - Active-Semi, Inc ACT111A Datasheet HTML 5Page - Active-Semi, Inc ACT111A Datasheet HTML 6Page - Active-Semi, Inc ACT111A Datasheet HTML 7Page - Active-Semi, Inc ACT111A Datasheet HTML 8Page - Active-Semi, Inc ACT111A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ACT111A
Rev 0, 14-Feb-11
Innovative PowerTM
- 3 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
IN to G
-0.3 to 34
V
SW to G
-1 to VIN + 1
V
BST to G
VSW - 0.3 to VSW + 7
V
FB to G
-0.3 to +6
V
Continuous SW Current
Internally Limited
A
Junction to Ambient Thermal Resistance (θJA)
220
°C/W
Maximum Power Dissipation
0.5
W
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
DIM to G
-0.3 to +3
V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Input Voltage
VIN
4.8
30
V
VIN Turn-On Voltage
Input Voltage Rising
4.0
4.4
4.7
V
VIN UVLO Hysteresis
250
mV
Supply Operation Current
VFB = 0.2V
1
2
mA
Switching Frequency
1.15
1.4
1.65
MHz
Maximum Duty Cycle
VFB = 0.08V
90
92
95
%
Minimum On-Time
75
ns
Effective FB Voltage
5V ≤ VIN ≤ 20V
97
102
107
mV
FB Leakage Current
100
nA
CC Current Limit
Duty Cycle = 5%
1.8
2.4
3.0
A
PWM DIM Frequency
10
kHz
DIM Threshold Voltage
DIM rising
1.66
V
DIM Hysteresis
DIM rising
100
mV
DIM Input Leakage
1
µA
High-Side Switch On-Resistance
0.3
Ω
Low-Side Switch On-Resistance
15
Ω
Thermal Shutdown Temperature
160
°C
Thermal Hysteresis
10
°C
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA = 25°C, unless otherwise specified.)
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com