Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT111A Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT111A
Description  4.8V to 30V Input, 1.5A LED Driver with Dimming Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT111A Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT111A Datasheet HTML 3Page - Active-Semi, Inc ACT111A Datasheet HTML 4Page - Active-Semi, Inc ACT111A Datasheet HTML 5Page - Active-Semi, Inc ACT111A Datasheet HTML 6Page - Active-Semi, Inc ACT111A Datasheet HTML 7Page - Active-Semi, Inc ACT111A Datasheet HTML 8Page - Active-Semi, Inc ACT111A Datasheet HTML 9Page - Active-Semi, Inc ACT111A Datasheet HTML 10Page - Active-Semi, Inc ACT111A Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ACT111A
Rev 0, 14-Feb-11
Innovative PowerTM
- 7 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
VDIM(MAX) (V)
R1 (kΩ)
RDIM (kΩ)
3.3
30
976
2
30
576
5
30
1470
The following equation determines resistor values:
According to the equation, Table 1 shows the
respective resister values with different DC dimming
voltage. VTB is 100mV, R1 is chosen to be 30kΩ.
Table 1:
Open LED Protection
In case of LED failure, the ACT111A will operate at
maximum duty cycle due to the feedback voltage
drops to zero. This will results in the output voltage
moving up. To prevent over voltage on the output, a
Zener and a series resistor are used as shown in
Figure 3 and Figure 6 (ZD1 and R4).
Thermal Shutdown
The ACT111A automatically turns off when the IC
junction temperature exceeds 160°C, and reenables
when the IC junction temperature drops by 10°C (typ).
PC Board Layout
To achieve good performance, it is extremely
important to have optimized component placement
and layout on PCB for a high switching frequency
and
high
efficiency
regulator.
Here
are
recommendations for the layout: Place input
capacitor to IN pin, inductor and diode to SW pin as
close as possible to reduce the voltage ringing at
these pins. Place the current sense resistor close to
FB pin. Minimize ground noise by connecting high
current ground returns, the input capacitor ground
lead, and the output filter ground lead to a single
point (star ground configuration). There are two
power loops in normal operation, one is formed
when the SW is high and the high current flows
through input capacitor, internal MOSFET, inductor,
LEDs, RSENSE to ground. The other loop is through
inductor, LEDs, RSENSE, ground to diode. Make
these loop areas as small as possible to minimize
noise interaction. SW pad is a noisy node switching
from VIN to GND. It should be isolated away from
the rest of circuit for good EMI and low noise
operation.
()
FB
FB
MAX
DIM
DIM
V
V
V
1
R
R
−
=
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com