Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT336 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT336
Description  High Performance ActivePSR??Primary Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT336 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT336 Datasheet HTML 1Page - Active-Semi, Inc ACT336 Datasheet HTML 2Page - Active-Semi, Inc ACT336 Datasheet HTML 3Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACT336
Product Brief, 15-Apr-11
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
®
PIN CONFIGURATION
PIN DESCRIPTIONS
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
METHOD
TOP MARK
ACT336SH-T
-40°C to 85°C
SOP-8
8
TAPE & REEL
ACT336SH
PIN
NAME
DESCRIPTION
SOP-8
1
SW
Switch Drive. Switch node for the external NPN transistor. Connect this pin to the external
power NPN’s emitter. This pin also supplies current to VDD during startup.
2,4,7
G
Ground(2,4 and 7 pin must be connected together).
8
BD
Base Drive. Base driver for the external NPN transistor.
6
VDD
Power Supply. This pin provides bias power for the IC during startup and steady state
operation.
5
FB
Feedback Pin. Connect this pin to a resistor divider network from the auxiliary winding.
3
CS
Current Sense Pin. Connect an external resistor (RCS) between this pin and ground to set
peak current limit for the primary switch. The peak current limit is set by (0.396V × 0.9) /
RCS. For more detailed information, see Application Information.
ORDERING INFORMATION
SOP-8
ACT336SH
ACT336
Product Brief, 15-Apr-11
®



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com