Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT336 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT336
Description  High Performance ActivePSR??Primary Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT336 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT336 Datasheet HTML 1Page - Active-Semi, Inc ACT336 Datasheet HTML 2Page - Active-Semi, Inc ACT336 Datasheet HTML 3Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ACT336
Product Brief, 15-Apr-11
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
®
Figure 6:
Universal VAC Input, 5V/1.2A Output Charger
Item
Reference
Description
QTY
Manufacturer
1
C1,C2
Capacitor, Electrolytic, 6.8uF/400V, 10x12mm
2
Koshin
2
C3
Capacitor, Ceramic,220pF/500V,1206,SMD
1
POE
3
C4
Capacitor, Ceramic,4.7uF/35V,1206,SMD
1
POE
4
C5,C6
Capacitor, Electrolytic, 680uF/10V, 8x12mm
2
G-Luxon
5
C9
Capacitor, Ceramic,1000pF/50V, 0805, SMD
1
POE
6
D1-D4
Diode,Rectifier,1000V/1A,1N4007, DO-41
4
Good-Ark
7
D5,D6
Diode,Ultra Fast, FR107,1000V/1.0A, DO-41
2
Good-Ark
8
D8
Diode, schottky, 40V/5A, SB540, DO-15
1
Good-Ark
9
L1
Axial Inductor, 1.5mH, 0410,Dip
1
Amode Tech
10
Q1
Transistor, HFE 20-25, NPN,13003,TO-220
1
Huawei
11
FR1
Wire Round Resistor,1W,10 ohm,KNP, 5%
1
TY-OHM
12
R2
Chip Resistor, 1.0M ohm, 1206, 5%
1
TY-OHM
13
R3
Chip Resistor, 100 ohm, 0805, 5%
1
TY-OHM
14
R1,R4
Chip Resistor, 22 ohm, 0805, 5%
2
TY-OHM
15
R5
Chip Resistor, 57.6K ohm, 0805,1%
1
TY-OHM
16
R6
Chip Resistor, 11K ohm, 0805, 1%
1
TY-OHM
17
R7,R8
Chip Resistor, 15M ohm, 1206, 5%
2
TY-OHM
18
R9
Chip Resistor, 0.909ohm, 1206,1%
1
TY-OHM
19
R10
Chip Resistor, 80K ohm, 0805, 5%
1
TY-OHM
20
R11
Chip Resistor, 3.3K ohm, 0805, 5%
1
TY-OHM
21
R13
Chip Resistor, 10 ohm, 0805, 5%
1
TY-OHM
22
T1
Transformer, Lp=1.5mH, EE16
1
23
U1
IC, ACT336,SOP-8
1
Active-Semi
Table 1:
ACT336 Bill of Materials



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com