Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4514 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4514
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4514 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4514 Datasheet HTML 1Page - Active-Semi, Inc ACT4514 Datasheet HTML 2Page - Active-Semi, Inc ACT4514 Datasheet HTML 3Page - Active-Semi, Inc ACT4514 Datasheet HTML 4Page - Active-Semi, Inc ACT4514 Datasheet HTML 5Page - Active-Semi, Inc ACT4514 Datasheet HTML 6Page - Active-Semi, Inc ACT4514 Datasheet HTML 7Page - Active-Semi, Inc ACT4514 Datasheet HTML 8Page - Active-Semi, Inc ACT4514 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
FEATURES
• Up to 40V Input Voltage
• Up to 1.5A Constant Output Current
• Output Voltage up to 12V
• Patent Pending ActiveCC Constant Current
Control
− Integrated Current Control Improves
Efficiency, Lowers Cost, and Reduces
Component Count
• Resistor Programmable Outputs
− Current Limit from 400mA to 1500mA
− Patented cable compensation from DC Cable
Compensation from 0Ω to 0.5Ω
• 2% Feedback Voltage Accuracy
• Up to 93% Efficiency
• 210kHz Switching Frequency Eases EMI Design
• Advanced Feature Set
− Integrated Soft Start
− Thermal Shutdown
− Secondary Cycle-by-Cycle Current Limit
− Protection Against Shorted ISET Pin
• SOP-8 Package
APPLICATIONS
• Car Charger
• Rechargeable Portable Devices
• General-Purpose CC/CV Power Supply
GENERAL DESCRIPTION
ACT4514 is a wide input voltage, high efficiency
ActiveCC step-down DC/DC converter that operates
in either CV (Constant Output Voltage) mode or CC
(Constant
Output
Current)
mode.
ACT4514
provides up to 1.5A output current at 210kHz
switching frequency.
ActiveCC is a patent-pending control scheme to
achieve highest accuracy sensorless constant
current control. ActiveCC eliminates the expensive,
high accuracy current sense resistor, making it ideal
for
battery
charging
applications
and
high-
brightness LED drive for architectural lighting. The
ACT4514 achieves higher efficiency than traditional
constant current switching regulators by eliminating
the sense resistor and its associated power loss.
Protection features include cycle-by-cycle current
limit, thermal shutdown, and frequency foldback at
short circuit. The devices are available in a SOP-8
package and require very few external devices for
operation.
ACT4514
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Active-Semi
Rev 1, 21-Jul-11
CC/CV Curve vs. Load Current
6.0
5.0
4.0
3.0
2.0
1.0
0.0
IOUT Current (mA)
0
150
300
450
600
750
900
VIN = 12V
VIN = 24V
V0UT = 5V


Similar Part No. - ACT4514

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
673Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4513YH-T ACTIVE-SEMI-ACT4513YH-T Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4513YH-T ACTIVE-SEMI-ACT4513YH-T Datasheet
673Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
More results

Similar Description - ACT4514

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533AYH ACTIVE-SEMI-EA4533AYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com