Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4514 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT4514
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4514 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT4514 Datasheet HTML 8Page - Active-Semi, Inc ACT4514 Datasheet HTML 9Page - Active-Semi, Inc ACT4514 Datasheet HTML 10Page - Active-Semi, Inc ACT4514 Datasheet HTML 11Page - Active-Semi, Inc ACT4514 Datasheet HTML 12Page - Active-Semi, Inc ACT4514 Datasheet HTML 13Page - Active-Semi, Inc ACT4514 Datasheet HTML 14Page - Active-Semi, Inc ACT4514 Datasheet HTML 15Page - Active-Semi, Inc ACT4514 Datasheet HTML 16Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ACT4514
Rev 1, 21-Jul-11
Active-Semi
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
Load Current (mA)
10
100
1000
10000
Input Voltage (V)
10
12
18
24
30
32
Switching Frequency vs. Input Voltage
240
220
200
180
160
140
120
100
Switching Frequency vs. Feedback Voltage
250
200
150
100
50
0
Feedback Voltage (mV)
0
100
200
300
400
500
600
700
800
900
1000
900
800
700
600
500
400
Temperature (°C)
-40
-25
0
25
50
75
80
CC Current vs. Input Voltage
1000
900
800
700
600
500
400
Peak Current Limit vs. Duty Cycle
2500
2250
2000
1750
1500
1250
1000
750
500
250
0
Duty Cycle
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
100
90
80
70
60
50
40
Efficiency vs. Load Current
CC Current vs. Temperature
VIN = 10V
VIN = 12V
VOUT = 5V
Input Voltage (V)
10
12
18
24
30
32
VIN = 12V
RISET = 33kΩ
RISET = 33kΩ
VIN = 24V
(Circuit of Figure 7, IISET = 0.9A, L = 82µH, CIN = 10µF, COUT = 22µF, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com