Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDLC5V0LPB Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ESDLC5V0LPB
Description  5V Low Capacitance ESD Protection Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESDLC5V0LPB Datasheet(HTML) 2 Page - Micro Commercial Components

  ESDLC5V0LPB Datasheet HTML 1Page - Micro Commercial Components ESDLC5V0LPB Datasheet HTML 2Page - Micro Commercial Components ESDLC5V0LPB Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
Revision: A
2011/03/01
2 of 3
MCC
TM
Micro Commercial Components
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
Ppk
Peak Power Dissipation
C
Max. Capacitance @VR=0 and f =1MHz
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, V
F = 0.9 V Max. @ IF = 10mA for all types)
V
RWM
(V)
I
R (
A)
@ V
RWM
V
BR (V)
@ I
T
I
T
VC
@IPP = 5 A
Device
Device
Marking
Max
Max
Min
Max
mA
V
ESDLC5V0LPB
H
5.0
0.1
5.8
8.0
1.0
12.5
C(pF)@VR=0V, f=1MHz
Typ.
Max.
12
15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com