Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDLC5V0LPB Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ESDLC5V0LPB
Description  5V Low Capacitance ESD Protection Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESDLC5V0LPB Datasheet(HTML) 1 Page - Micro Commercial Components

  ESDLC5V0LPB Datasheet HTML 1Page - Micro Commercial Components ESDLC5V0LPB Datasheet HTML 2Page - Micro Commercial Components ESDLC5V0LPB Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESDLC5V0LPB
5V Low Capacitance
ESD Protection
Device
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.018
0.022
0.45
0.55
B
0.000
0.003
0.01
0.07
C
0.018REF.
0.450REF.
D
0.037
0.041
0.95
1.05
E
0.022
0.026
0.55
0.65
F
0.016 REF.
0.400 REF.
G
0.011
0.013
0.275
0.325
H
0.000 REF.
0.010 REF.
L
0.011
0.013
0.275
0.325
A
B
D
C
L
H
E
G
F
MCC
TM
Micro Commercial Components
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
Revision:
A
20
11/03/01
1 of
3
Maximum Ratings
SOD-882
_
+
Features
•
For sensitive ESD protection
•
Excellent clamping capability
•
Low leakage
•
ESD rating of class 3(>16KV)per Human Body Mode
•
For space saving application
•
Fast response,response time less than 1ns.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Operating Junction &StorageTemperature: -55
°C to +150°C
•
Maximum Thermal Resistance: 1250
°C/W Junction To Ambient
Parameter
Symbol
Limits
unit
IEC61000-4-2(ESD)
Air
Contact
f25
f25
KV
ESD Voltage per human body mode
16
KV
Power Dissipation
Pd
100
mw
Internal Structure


Similar Part No. - ESDLC5V0LPB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESDLC5V0L4 MCC-ESDLC5V0L4 Datasheet
477Kb / 3P
5 Volts ESD Protection Device Excellent clamping capability
More results

Similar Description - ESDLC5V0LPB

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
T0504SP CITC-T0504SP Datasheet
544Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0514VL CITC-T0514VL Datasheet
906Kb / 9P
Low Capacitance ESD Protection Device
T0524SP CITC-T0524SP Datasheet
547Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0534TL CITC-T0534TL Datasheet
844Kb / 9P
Low Capacitance ESD Protection Device
T0534VL CITC-T0534VL Datasheet
838Kb / 9P
Low Capacitance ESD Protection Device
T0501MA CITC-T0501MA Datasheet
649Kb / 6P
Low Capacitance ESD Protection Device
T0501MB CITC-T0501MB Datasheet
554Kb / 7P
Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0501MB LUGUANG-LGLT0501MB Datasheet
1Mb / 6P
Low Capacitance ESD Protection Device
LT0501MA LUGUANG-LT0501MA Datasheet
2Mb / 5P
Low Capacitance ESD Protection Device
LGLT0514TL LUGUANG-LGLT0514TL Datasheet
1Mb / 8P
Ultra-Low Capacitance ESD Protection Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com