Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR2D Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR2D
Description  2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR2D Datasheet(HTML) 1 Page - Micro Commercial Components

  FR2D Datasheet HTML 1Page - Micro Commercial Components FR2D Datasheet HTML 2Page - Micro Commercial Components FR2D Datasheet HTML 3Page - Micro Commercial Components FR2D Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR2A
THRU
FR2M
2 Amp Fast Recovery
Silicon Rectifier
50 to 1000 Volts
Features
•
Easy Pick And Place
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
•
Superfast Recovery Times For High Efficiency
Maximum Ratings
•
Operating Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
•
Maximum Thermal Resistance; 15
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR2A
FR2A
50V
35V
50V
FR2B
FR2B
100V
70V
100V
FR2D
FR2D
200V
140V
200V
FR2G
FR2G
400V
280V
400V
FR2J
FR2J
600V
420V
600V
FR2K
FR2K
800V
560V
800V
FR2M
FR2M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
current
IF(AV)
2.0A
TA = 90
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.30V
IFM = 2.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
200
µA
TJ = 25
°C
TJ = 125
°C
Maximum Reverse
Recovery Time
FR2A-G
FR2J
FR2K-M
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
40pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
DO-214AA
(HSMB) (Round Lead)
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.075
.089
1.90
2.25
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.035
.055
.90
1.40
F
.065
.091
1.65
2.32
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.130
.155
3.30
3.94
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - FR2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2D PANJIT-FR2D Datasheet
59Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
FR2D SURGE-FR2D Datasheet
80Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
logo
Transys Electronics
FR2D TRSYS-FR2D Datasheet
195Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Dc Components
FR2D DCCOM-FR2D Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR2D MCC-FR2D Datasheet
622Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FR2D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR201 MCC-FR201 Datasheet
80Kb / 3P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2A MCC-FR2A Datasheet
622Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR2AL MCC-FR2AL Datasheet
1Mb / 4P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR201 MCC-FR201_11 Datasheet
460Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR207-TP MCC-FR207-TP Datasheet
613Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR201 YFWDIODE-FR201 Datasheet
73Kb / 3P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR201DO15 YFWDIODE-FR201DO15 Datasheet
416Kb / 3P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR201 MCC-FR201_13 Datasheet
613Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
FS2AFL MCC-FS2AFL Datasheet
334Kb / 4P
2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
FR2A LEIDITECH-FR2A Datasheet
944Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com