Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL42 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # LL42
Description  Small Signal Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LL42 Datasheet(HTML) 2 Page - Micro Commercial Components

  LL42 Datasheet HTML 1Page - Micro Commercial Components LL42 Datasheet HTML 2Page - Micro Commercial Components LL42 Datasheet HTML 3Page - Micro Commercial Components LL42 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M C C
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Reverse breakdown voltage
V(BR)R
30
V
Forward voltage
IF=10mA
LL42
VF
0.4
V
IF=200mA
LL42
VF
1.0
V
IF=2mA
LL43
VF
0.26
0.33
V
IF=15mA
LL43
VF
0.45
V
IF=50mA
LL43
VF
0.65
V
IF=200mA
LL43
VF
1.0
V
Reverse current
Pulse test tp<300µs, δ<0.5
VR=25V
VR=25V, Tj=100
IR
0.5
100
µA
Capacitance
VR=1V, f=1MHz
Ctot
7.0
pF
Reverse recovery time
IF=10mA, IR=10mA
Irr=1mA, RL=100
trr
5.0
ns
Maximum Ratings @ 25oC Unless Otherwise Specified
LL42, LL43



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com